Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD242 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LD242
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD242 Datasheet(HTML) 5 Page - OSRAM GmbH

  LD242 Datasheet HTML 1Page - OSRAM GmbH LD242 Datasheet HTML 2Page - OSRAM GmbH LD242 Datasheet HTML 3Page - OSRAM GmbH LD242 Datasheet HTML 4Page - OSRAM GmbH LD242 Datasheet HTML 5Page - OSRAM GmbH LD242 Datasheet HTML 6Page - OSRAM GmbH LD242 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LD 242
2007-12-07
5
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VE)
Radiation Characteristics
I
rel = f (ϕ)
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHR01040
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
33.5
4
4.5
typ.
max.
V
OHR01877
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ
Radiant Intensity
Single pulse,
t
p = 20 µs
Permissible Pulse Handling
Capability
I
F = f (τ), TC = 25 °C,
duty cycle
D = parameter
I
e
I
e 100 mA
=
f (I
F)
Ι
OHR01037
F
-1
10
10
0
1
10
2
10
10
-2
-1
10
0
10
A
10
1
Ι
e
Ι
e (100 mA)
τ
OHR01937
10
-5
s
10
2
Ι
F
mA
10
-4
10
-3
10
-2
10
0
10
3
10
4
5
5
DC
0.5
0.05
0.02
0.01
0.005
D =
0.1
F
Ι
T
P
t
=
D
P
t
T
0.2
Max. Permissible Forward Current
I
F = f (TA)
T
OHR00971
A
0
F
Ι
020
40
60
80
100
˚C
50
100
150
200
250
mA
300
, T
C
= 160 K/W
thJC
R
R thJA = 450 K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com