Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD242 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LD242
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD242 Datasheet(HTML) 1 Page - OSRAM GmbH

  LD242 Datasheet HTML 1Page - OSRAM GmbH LD242 Datasheet HTML 2Page - OSRAM GmbH LD242 Datasheet HTML 3Page - OSRAM GmbH LD242 Datasheet HTML 4Page - OSRAM GmbH LD242 Datasheet HTML 5Page - OSRAM GmbH LD242 Datasheet HTML 6Page - OSRAM GmbH LD242 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LD 242
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
Lead (Pb) Free Product - RoHS Compliant
2007-12-07
1
Wesentliche Merkmale
• Hergestellt im Schmelzepitaxieverfahren
• Kathode galvanisch mit dem Gehäuseboden
verbunden
• Hohe Zuverlässigkeit
• Großer Öffnungskegel
• Gehäusegleich mit BP 103, BPX 63, SFH 464,
SFH 483
• Anwendungsklasse nach DIN 40 040 GQC
Anwendungen
• Lichtschranken für Gleich- und
Wechsellichtbetrieb
• Sensorik
• Lichtgitter
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100 mA, tp = 20 ms)
Radiant Intensity Grouping
1)
I
e (mW/sr)
1)
gemessen bei einem Raumwinkel
Ω = 0.01 sr
measured at a solid angle of
Ω = 0.01 sr
LD 242-2/3
Q62703Q4749
> 4.0
LD 242 E7800
Q62703Q3509
1 - 3.2
Features
• Fabricated in a liquid phase epitaxy process
• Cathode is electrically connected to the case
• High reliability
• Wide beam
• Same package as BP 103, BPX 63, SFH 464,
SFH 483
• DIN humidity caregory in acc. with
DIN 40 040 GQG
Applications
• Photointerrupters
• Sensor technology
• Light curtains


Similar Part No. - LD242

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD242 SIEMENS-LD242 Datasheet
39Kb / 5P
GaAs Infrared Emitter
logo
LightGraphix
LD242 LIGHTGRAPHIX-LD242 Datasheet
1Mb / 2P
Yacht Spreader LED Light
8 January 2024
logo
Siemens Semiconductor G...
LD242-2 SIEMENS-LD242-2 Datasheet
39Kb / 5P
GaAs Infrared Emitter
LD242-3 SIEMENS-LD242-3 Datasheet
39Kb / 5P
GaAs Infrared Emitter
logo
MicroPower Direct, LLC
LD2420700 MPD-LD2420700 Datasheet
632Kb / 4P
LD24
More results

Similar Description - LD242

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4202 OSRAM-SFH4202 Datasheet
248Kb / 9P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4500 OSRAM-SFH4500 Datasheet
225Kb / 8P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com