Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF-12-R-0R Datasheet(PDF) 3 Page - YAGEO Corporation

Part # MMF-12-R-0R
Description  MELF METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMF-12-R-0R Datasheet(HTML) 3 Page - YAGEO Corporation

  MMF-12-R-0R Datasheet HTML 1Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 2Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 3Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 4Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 5Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 6Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 7Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.yageo.com
Feb. 08, 2023 V.0
Melf Metal Film Resistors
3
8
Product Specification
MMF
Through Hole Resistors
DIMENSIONS
Unit: mm
Normal
Miniature
L
D
C Min.
MMF-12
MMF25S / MMF204
3.50 ± 0.2
1.40 ± 0.15
0.5
MMF-25
MMF50S / MMF207
5.90 ± 0.2
2.20 ± 0.1
0.5
MMF-50
MMF1WS
8.50 ± 0.2
3.20± 0.2
0.5
SUGGESTED PAD LAYOUT
Unit: mm
Normal
Miniature
Soldering
Mode
L Min.
P
W Min.
MMF-12
MMF25S
MMF204
Reflow
1.3
1.6 ± 0.1
1.6
Wave
1.5
1.5 ± 0.1
1.8
MMF-25
MMF50S
MMF207
Reflow
2.0
3.0 ± 0.1
3.0
Wave
2.5
3.0 ± 0.1
3.0
MMF-50
MMF1WS
Reflow
2.3
5.5 ± 0.2
4.0
Wave
2.8
5.5 ± 0.2
4.0
DERATING CURVE
Rated Power (%)
100
80
60
40
20
20
40
70
100
155
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com