Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF-12-R-0R Datasheet(PDF) 4 Page - YAGEO Corporation

Part # MMF-12-R-0R
Description  MELF METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMF-12-R-0R Datasheet(HTML) 4 Page - YAGEO Corporation

  MMF-12-R-0R Datasheet HTML 1Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 2Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 3Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 4Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 5Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 6Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 7Page - YAGEO Corporation MMF-12-R-0R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.yageo.com
Feb. 08, 2023 V.0
Melf Metal Film Resistors
4
8
Product Specification
MMF
Through Hole Resistors
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
MMF-12 MMF25S
MMF204 MMF-25
MMF50S MMF207
MMF-50
MMF1WS
Power Rating
at 70 °C
1/6W
1/4W
0.4W
1/4W
1/2W
0.6W
1/2W
1W
Maximum Working
Voltage
150V
200V
200V
250V
250V
250V
350V
350V
Maximum Overload
Voltage
300V
400V
400V
500V
500V
500V
700V
700V
Voltage Proof on
Insulation
300V
300V
300V
500V
500V
500V
700V
700V
Resistance Range
0.22Ω ~ 3.9Ω for tol ±5%,E96 series value, 4Ω ~ 1MΩ for tol ±1% E24 + E96 series value
Operating Temp.
Range
- 55°C to +155°C
Temperature
Coefficient
±15ppm/°C for 10R-9K99 , ±25ppm/°C for 100Ω-470KΩ,±50ppm/°C for 4Ω ~ 1MΩ,
±100ppm/°C for 0.22Ω ~ 3.9Ω
Note: For resistance value out of above range is by request.
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
2.5 times RCWV for 5 sec.(Not more
than maximum overload voltage)
±0.25%+0.005Ω
for≤332KΩ
±0.5%+0.005Ω for>332KΩ
Voltage Proof on
Insulation
IEC 60115-1 4.7
In V-Block for 60 sec. test voltage as
above table
No Breakdown
Temperature Coefficient
IEC 60115-1 4.8
Between -55°C to +155°C
By Type
Insulation Resistance
IEC 60115-1 4.6
In V-Block for 60 sec.
>10,000MΩ
Solderability
IEC 60115-1 4.17
245±5°C for 3±0.5 Sec.
95% Min. coverage
Solvent Resistance of
Marking
IEC 60115-1 4.30
IPA for 5±0.5 Min. with ultrasonic
No deterioration of
coatings and markings
Periodic-pulse Overload
IEC 60115-1 4.39
4 times RCWV 10,000 cycles (1 Sec. on,
25 Sec.off)
±1.0%+0.005Ω
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C,90-95% RH for 56 days, loaded
with 0.1 times RCWV
±1.5%+0.005Ω for≤332KΩ
±2.5%+0.005Ω for>332KΩ
Damp Heat Steady State
(accelerated mode)
IEC 60115-1 4.37
85±2°C,85% RH for 56 days, loaded
with 0.1 times RCWV(no over 100V)
±3.0%+0.005Ω for≤332KΩ
±5.0%+0.005Ω for>332KΩ
Endurance at 70°C
IEC 60115-1 4.25
70±2°C at RCWV(or Umax., whichever
less) for 1,000 Hr.(1.5 Hr.on,0.5 Hr. off)
±0.75%+0.005Ω
for≤332KΩ
±1.0%+0.005Ω for>332KΩ
Temperature Cycling
IEC 60115-1 4.19
-55°C  Room Temp. 
+155°C Room Temp.(5 cycles)
±0.75%+0.005Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com