Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11365 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CA11365
Description  Laura-XP series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11365 Datasheet(HTML) 2 Page - Ledil, Inc.

  CA11365 Datasheet HTML 1Page - Ledil, Inc. CA11365 Datasheet HTML 2Page - Ledil, Inc. CA11365 Datasheet HTML 3Page - Ledil, Inc. CA11365 Datasheet HTML 4Page - Ledil, Inc. CA11365 Datasheet HTML 5Page - Ledil, Inc. CA11365 Datasheet HTML 6Page - Ledil, Inc. CA11365 Datasheet HTML 7Page - Ledil, Inc. CA11365 Datasheet HTML 8Page - Ledil, Inc. CA11365 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT DATASHEET
Laura-XP series
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA11643
CA11643_Laura-SS-XP-G-tape
Laura
Lens
XP-G
Black
21.6 mm
13.1 mm
Square
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
11 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA11360
CA11360-Laura-D-XP-G-tape
Laura
Lens
XP-G
Black
21.6 mm
13.1 mm
Square
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
16 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12131
CA12131_Laura-M-XP-G-tape-white
Laura
Lens
XP-G
White
21.6 mm
13.1 mm
Square
PMMA
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
30 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA11766
CA11766_Laura-WW-XP-tape
Laura
Lens
XP-G
Black
21.6 mm
13.1 mm
Square
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
64 degrees
86 %
-
Available
August 4th 2011 13:43 Copyright Ledil Oy - Subject to change without prior notice - Page 2/4
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com