Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11365 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # CA11365
Description  Laura-XP series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11365 Datasheet(HTML) 3 Page - Ledil, Inc.

  CA11365 Datasheet HTML 1Page - Ledil, Inc. CA11365 Datasheet HTML 2Page - Ledil, Inc. CA11365 Datasheet HTML 3Page - Ledil, Inc. CA11365 Datasheet HTML 4Page - Ledil, Inc. CA11365 Datasheet HTML 5Page - Ledil, Inc. CA11365 Datasheet HTML 6Page - Ledil, Inc. CA11365 Datasheet HTML 7Page - Ledil, Inc. CA11365 Datasheet HTML 8Page - Ledil, Inc. CA11365 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRODUCT DATASHEET
Laura-XP series
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA11766
CA11766_Laura-WW-XPG-tape
Laura
Lens
XP-G
Black
21.6 mm
13.1 mm
Square
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
64 degrees
86 %
-
Available
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
August 4th 2011 13:43 Copyright Ledil Oy - Subject to change without prior notice - Page 3/4
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com