Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLBG98-2S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLBG98-2S
Description  Un-mounted Laser Bars, 50% Fill-factor, 980 nm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLBG98-2S Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLBG98-2S Datasheet HTML 1Page - OSRAM GmbH SPLBG98-2S Datasheet HTML 2Page - OSRAM GmbH SPLBG98-2S Datasheet HTML 3Page - OSRAM GmbH SPLBG98-2S Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPL BG98-2S
Unmontierte Laserbarren, 50% Füllfaktor, 980 nm
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
Lead (Pb) Free Product - RoHS Compliant
2007-04-20
1
Besondere Merkmale
• Unmontierter Laserbarren
• Design mit 25 Emittern (50% Füllfaktor)
• Empfohlene optische Leistung 60 W
• Typischer Konversionswirkungsgrad 55 %
• Hocheffiziente und zuverlässige MOVPE
Quantenfilmstruktur
• Standard-Wellenlängenselektion von
± 3 nm
• Andere zentrale Pulswellenlängen auf Anfrage
• Lötbare p- und n-seitige Metallisierung
• Al-freie aktive Zone
Anwendungen
• Empfohlen für kontinuierliche (CW)-
Anwendungen
• Pumpen von Festkörper- und Faserlasern
• Direkte Materialbearbeitung
• Erwärmen, Beleuchten
• Medizinische Anwendungen
• Druckanwendungen
Sicherheitshinweise
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte,
nicht
sichtbare
Infrarot-
Strahlung, die gefährlich für das menschliche
Auge sein kann. Produkte, die diese Bauteile
enthalten,
müssen
gemäß
den
Sicherheits-
richtlinien
der
IEC-Norm
60825-1
behandelt
werden.
Features
• Un-mounted monolithic linear array
• 25 emitter (50% fill-factor) design
• Recommended optical power 60 W
• Typical conversion efficiency 55 %
• High efficiency and reliable MOVPE-grown
quantum-well structure
• Standard wavelength selection is
± 3 nm
• Other pulse peak wavelengths are available
upon request
• Solderable p- and n-side metallization
• Al-free active region
Applications
• Recommended for continuous wave (cw)-
applications
• Pumping of solid-state and fiber lasers
• Direct material processing
• Heating, illumination
• Medical applications
• Printing applications
Safety Advices
Depending on the mode of operation, these
devices emit highly concentrated non-visible
infrared light which can be hazardous to the
human eye. Products which incorporate these
devices have to follow the safety precautions
found in IEC 60825-1 “Safety of laser products”.


Similar Part No. - SPLBG98-2S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBG98-20S OSRAM-SPLBG98-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
More results

Similar Description - SPLBG98-2S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBG81-2S OSRAM-SPLBG81-2S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG81-9S OSRAM-SPLBG81-9S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-20S OSRAM-SPLBG94-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBG98-20S OSRAM-SPLBG98-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBS94-2S OSRAM-SPLBS94-2S Datasheet
111Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 940 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
Un-mounted Laser Bars, 50 Fill-factor, 808 nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com