Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLBG98-2S Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLBG98-2S
Description  Un-mounted Laser Bars, 50% Fill-factor, 980 nm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLBG98-2S Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLBG98-2S Datasheet HTML 1Page - OSRAM GmbH SPLBG98-2S Datasheet HTML 2Page - OSRAM GmbH SPLBG98-2S Datasheet HTML 3Page - OSRAM GmbH SPLBG98-2S Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2007-04-20
2
SPL BG98-2S
Typ
Type
Leistung
1)
Power
1)
Wellenlänge
2)
Wavelength
2)
Bestellnummer
Ordering Code
SPL BG98-2S
60 W
972 nm
Q62702A0739
1)
Empfohlene Leistung setzt einen thermischen Widerstand von
R
th < 0.5 K/W voraus.
Recommended optical power implies a thermal resistance of
R
th < 0.5 K/W.
2)
Mittlere Wellenlänge bei 1
μs Pulsbreite und 4 kHz Wiederholfrequenz eines unmontierten Barren. Andere
Wellenlängen oder Toleranzen auf Anfrage erhältlich.
Pulsed peak wavelength at 1
μs pulse width and at 4 kHz repetition rate refer to measurement on an un-mounted
laser bar. Other peak wavelengths or tolerances are available upon request.
Kennwerte (
T
A = 25 °C)
1)
Characteristics
1)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Values
Einheit
Unit
min.
typ.
max.
Empfohlene Ausgangsleistung
Recommended output power
P
op
-
60
-
W
Zerstörgrenze
Catastrophic optical damage limit
P
COD
150
250
-
W
Schwellstrom
Threshold current
I
th
-
10
12
A
Betriebsstrom
2)
Operating current
2)
I
op
-
67
74
A
Differentielle Quanten-Effizienz
2)
Differential quantum efficiency
2)
η
0.95
1.05
-
W / A
Gesamter Konversionswirkungsgrad
2)3)
Total conversion efficiency
2)3)
η
tot
50
55
-
%
Strahldivergenz schnelle Achse
2)
Vollwinkel (1/e²)
Beam divergence fast-axis
2)
full angle (1/e²)
θ⊥
-
65
70
Grad
deg.
Strahldivergenz langsame Achse
2)
Vollwinkel (1/e²)
Beam divergence slow-axis
2)
full angle (1/e²)
θ
II
-
9
12
Grad
deg.
Zentrale Impulswellenlänge
2)
Standard pulse peak wavelength
2)
λ
pulse
969
972
975
nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com