Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLT Datasheet(PDF) 1 Page - TT Electronics.

Part # WLT
Description  Jumper Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WLT Datasheet(HTML) 1 Page - TT Electronics.

  WLT Datasheet HTML 1Page - TT Electronics. WLT Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jumper Resistors
WL4 Series
Insulated body allows WL4 to be passed over
tracks without short circuiting
Can be tape mounted for auto-insertion machines
Removes the need for double sided PC boards in some cases
Jumper Resistors
WL4
• Insulated body allows WL4 to be
passed over tracks without short
circuiting
• Can be tape mounted for auto-insertion
machines
• Removes the need for double sided PC
boards in some cases
s
e
t
o
N
4
L
W
y
d
o
b
m
o
r
f
m
m
6
@
d
e
r
u
s
a
e
M
.
x
a
m
7
0
0
.
0
s
m
h
o
A
e
c
n
a
t
si
s
e
R
f
o
h
t
g
n
e
l
ll
u
f
s
s
o
r
c
a
d
e
r
u
s
a
e
M
.
x
a
m
2
1
0
.
0
s
m
h
o
B
e
c
n
a
t
si
s
e
R
body termination wires
.
x
a
m
5
s
p
m
a
y
ti
c
a
p
a
c
g
n
i
y
r
r
a
c
t
n
e
r
r
u
C
k
a
e
p
c
a
r
o
c
d
0
0
5
s
tl
o
v
e
g
a
tl
o
v
n
o
it
a
l
o
sI
k
a
e
p
c
a
r
o
c
d
0
5
3
s
tl
o
v
e
c
n
a
t
si
s
e
r
n
o
it
a
l
u
s
n
I
G
1
>
s
m
h
o
f
o
o
r
p
e
g
a
tl
o
V
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
159
Construction
Termination wires are welded to a very low resistance body.
The body is then protected by a moisture resistance high
dielectric strength coating applied so that the terminations
remain completely clear. This permits a well defined body
length (clean lead to clean lead dimension L).
Materials
Material
Solder-coated copper wire.
Strength
The materials meet the requirements of IEC
68.2.21
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
Resistors are marked with two yellow bands placed centrally
on the body.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Dimensions (mm)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
WL4
6.2
2.5
21.0
0.6
10.2
0.6
Physical Data
L
D
f
d
s
e
t
o
N
4
L
W
Measured on 18mm contact pitch
0.03 max. 0.01 typ.
s
m
h
o
e
c
n
a
t
si
s
e
R
.
x
a
m
5
s
p
m
a
y
ti
c
a
p
a
c
g
n
i
y
r
r
a
c
t
n
e
r
r
u
C
k
a
e
p
c
a
r
o
c
d
0
0
5
s
tl
o
v
e
g
a
tl
o
v
n
o
it
a
l
o
sI
e
c
n
a
t
si
s
e
r
n
o
it
a
l
u
s
n
I
G
1
>
s
m
h
o
Electrical Data
01.11
04.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Resistors
OBSOLETE (WLT wire links only)


Similar Part No. - WLT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WLT0652 WELWYN-WLT0652 Datasheet
67Kb / 2P
Jumper Resistors
WLT0752 WELWYN-WLT0752 Datasheet
67Kb / 2P
Jumper Resistors
WLT0852 WELWYN-WLT0852 Datasheet
67Kb / 2P
Jumper Resistors
logo
SICK AG
WLT280L-2P1536 SICK-WLT280L-2P1536 Datasheet
489Kb / 6P
PHOTOELECTRIC SENSORS
WLT280L-2P2536 SICK-WLT280L-2P2536 Datasheet
570Kb / 6P
PHOTOELECTRIC SENSORS
More results

Similar Description - WLT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
01-Aug-02
logo
Welwyn Components Limit...
WL4 WELWYN-WL4 Datasheet
67Kb / 2P
Jumper Resistors
logo
Dubilier
DZ025T DUBILIER-DZ025T Datasheet
97Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
RFE international
ZR25R-0R0-W RFE-ZR25R-0R0-W Datasheet
86Kb / 1P
HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE
logo
Dubilier
DZ025T DUBILIER-DZ025T_11 Datasheet
176Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
UNIOHM CORPORATION
MR-12 UNIOHM-MR-12 Datasheet
1,014Kb / 1P
Jumper Wire & Zerohm Resistors
logo
Vishay Siliconix
FRJ55R36 VISHAY-FRJ55R36 Datasheet
96Kb / 3P
Metal Film Resistors, Zero Ohm Jumper, Industrial
24-Oct-12
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Rohm
PMR ROHM-PMR Datasheet
994Kb / 8P
Ultra-low ohmic jumper chip resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com