Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLT Datasheet(PDF) 2 Page - TT Electronics.

Part # WLT
Description  Jumper Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WLT Datasheet(HTML) 2 Page - TT Electronics.

  WLT Datasheet HTML 1Page - TT Electronics. WLT Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jumper Resistors
WL4 Series
Jumper Resistors
WL4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
160
Max
Bow
L
d
Packing
All wire links are supplied tape packed ready for loading onto
automatic sequencing and insertion machines.
The standard taping method and critical dimensions are
shown below. Component wires will not protrude beyond the
outside edge of the tapes.
Alternative packaging available by request.
52
f1
f2
6
6
5
Body location f 1 – f 2 1.4 mm
Dimensions (mm)
Max.
Type
L max
d nom
bow
WLT0652
52
0.6
1.0
WLT0752
52
0.7
1.0
WLT0852
52
0.8
1.0
Tape Packed Wire Links
Type
WL4
WLT0652
WLT0752
WLT0852
Ammo pack
5000
7500
5000
5000
Standard Quantities Per Package
01.11
Ordering Procedure
Example: WL4 tape packed in a box of 5000 pieces –
WL4 R005J
–
I
Type
Dummy value and tolerance
Packing
I
Ammo
WLT0652
7500/box
Standard
WL4,WLT0752, WLT0852
5000/box
04.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Ordering Procedure
Example: WL4-R005JI (WL4, zero ohm jumper, Pb-free)
W L
4
-
R 0
0
5
J
I
1
2
3
Note 1 – legacy part numbers may omit the dummy value & tolerance code.
1
21
3
Type
Dummy Value & Tolerance
Packing & Termination Finish
WL4
R005J = zero ohm jumper
I = Ammo pack, Pb-free
WLT0652
WLT0652
7500/box
WLT0752
WL4, WLT0752, WLT0852 5000/box
WLT0852
OBSOLETE (WLT wire links only)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com