Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS12082CDA Datasheet(PDF) 21 Page - Texas Instruments

Part # THS12082CDA
Description  12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS12082CDA Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS12082CDA Datasheet HTML 17Page - Texas Instruments THS12082CDA Datasheet HTML 18Page - Texas Instruments THS12082CDA Datasheet HTML 19Page - Texas Instruments THS12082CDA Datasheet HTML 20Page - Texas Instruments THS12082CDA Datasheet HTML 21Page - Texas Instruments THS12082CDA Datasheet HTML 22Page - Texas Instruments THS12082CDA Datasheet HTML 23Page - Texas Instruments THS12082CDA Datasheet HTML 24Page - Texas Instruments THS12082CDA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
THS12082
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
SLAS271B – MAY 2000 – REVISED DECEMBER 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing and signal description of the THS12082
read timing (using R/W, CS0-controlled)
Figure 11 shows the read-timing behavior when the WR(R/W) input is programmed as a combined read-write
input R/W. The RD input has to be tied to high-level in this configuration. This timing is called CS0-controlled
because CS0 is the last external signal of CS0, CS1, and R/W that becomes valid.
90%
90%
90%
90%
90%
90%
10%
10%
tw(CS)
tsu(R/W)
th(R/W)
ta
th
td(CSDAV)
CS0
CS1
R/W
RD
D(0–11)
DATA_AV
Figure 11. Read Timing Diagram Using R/W (CS0-controlled)
read timing parameter (CS0-controlled)†
PARAMETER
MIN
TYP
MAX
UNIT
tsu(R/W)
Setup time, R/W high to last CS valid
0
ns
ta
Access time, last CS valid to data valid
0
10
ns
td(CSDAV) Delay time, last CS valid to DATA_AV inactive
12
ns
th
Hold time, first CS invalid to data invalid
0
5
ns
th(R/W)
Hold time, first external CS invalid to R/W change
5
ns
tw(CS)
Pulse duration, CS active
10
ns
† CS = CSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com