Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS12082CDA Datasheet(PDF) 8 Page - Texas Instruments

Part # THS12082CDA
Description  12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS12082CDA Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS12082CDA Datasheet HTML 4Page - Texas Instruments THS12082CDA Datasheet HTML 5Page - Texas Instruments THS12082CDA Datasheet HTML 6Page - Texas Instruments THS12082CDA Datasheet HTML 7Page - Texas Instruments THS12082CDA Datasheet HTML 8Page - Texas Instruments THS12082CDA Datasheet HTML 9Page - Texas Instruments THS12082CDA Datasheet HTML 10Page - Texas Instruments THS12082CDA Datasheet HTML 11Page - Texas Instruments THS12082CDA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
THS12082
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
SLAS271B – MAY 2000 – REVISED DECEMBER 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
reference voltage
The THS12082 has a built-in reference, which provides the reference voltages for the ADC. VREFP is set to
3.5 V and VREFM is set to 1.5 V. An external reference can also be used through two reference input pins, REFP
and REFM, if the reference source is programmed as external. The voltage levels applied to these pins establish
the upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading respectively.
analog inputs
The THS12082 consists of two analog inputs, which are sampled simultaneously. These inputs can be selected
individually and configured as single-ended or differential inputs. The desired analog input channel can be
programmed.
analog-to-digital converter
The THS12082 uses a 12-bit pipelined multistaged architecture with four 1-bit stages followed by four 2-bit
stages, which achieves a high sample rate with low power consumption. The THS12082 distributes the
conversion over several smaller ADC subblocks, refining the conversion with progressively higher accuracy as
the device passes the results from stage to stage. This distributed conversion requires a small fraction of the
number of comparators used in a traditional flash ADC. A sample-and-hold amplifier (SHA) within each of the
stages permits the first stage to operate on a new input sample while the second through the eighth stages
operate on the seven preceding samples.
data_av
In continuous conversion mode, the first DATA_AV signal is delayed by (7+TL) cycles of CONV_CLK after a
FIFO reset command. This is due to the latency of the pipeline architecture of the THS12082.
conversion modes
The conversion can be performed in two different conversion modes. In the single conversion mode, the
conversion is initiated by an external signal (CONVST). An internal oscillator controls the conversion time. In
the continuous conversion mode, an external clock signal is applied to the clock input (CONV_CLK). A new
conversion is started with every falling edge of the applied clock signal.
sampling rate
The maximum possible conversion rate per channel is dependent on the selected analog input channels.
Table 1 shows the maximum conversion rate in the continuous conversion mode for different combinations.
Table 1. Maximum Conversion Rate
CHANNEL CONFIGURATION
NUMBER OF CHANNELS
MAXIMUM CONVERSION
RATE PER CHANNEL
1 single-ended channel
1
8 MSPS
2 single-ended channels
2
4 MSPS
1 differential channel
1
8 MSPS
The maximum conversion rate in the continuous conversion mode per channel, fc, is given by:
fc
+ 8 MSPS
# channels
Table 2 shows the maximum conversion rate in the single conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com