Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL082
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL082 Datasheet(HTML) 4 Page - Texas Instruments

  TL082 Datasheet HTML 1Page - Texas Instruments TL082 Datasheet HTML 2Page - Texas Instruments TL082 Datasheet HTML 3Page - Texas Instruments TL082 Datasheet HTML 4Page - Texas Instruments TL082 Datasheet HTML 5Page - Texas Instruments TL082 Datasheet HTML 6Page - Texas Instruments TL082 Datasheet HTML 7Page - Texas Instruments TL082 Datasheet HTML 8Page - Texas Instruments TL082 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
OPERATING CHARACTERISTICS
TL082-Q1
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS548 – SEPTEMBER 2007
VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(2)
MIN
TYP
MAX
UNIT
25
°C
3
6
VIO
Input offset voltage
VO = 0, RS = 50 Ω
mV
Full range
9
Temperature coefficient of input
αVIO
VO = 0, RS = 50 Ω
Full range
18
μV/
°C
offset voltage
25
°C
5
100
pA
IIO
Input offset current(3)
VO = 0
Full range
20
nA
25
°C
30
200
pA
IIB
Input bias current(3)
VO = 0
Full range
50
nA
Common-mode input
–12
VICR
25
°C
±11
V
voltage range
to 15
RL = 10 kΩ
25
°C
±12
±13.5
Maximum peak output
VOM
RL ≥ 10 kΩ
±12
V
voltage swing
Full range
RL ≥ 2 kΩ
±10
±12
25
°C
50
200
Large-signal differential voltage
AVD
VO = ±10 V, RL ≥ 2 kΩ
V/mV
amplification
Full range
15
B1
Unity-gain bandwidth
25
°C
3
MHz
ri
Input resistance
25
°C
1012
Ω
CMRR
Common-mode rejection ratio
VIC = VICR(min), VO = 0, RS = 50 Ω
25
°C
75
86
dB
Supply-voltage rejection ratio
VCC = ±15 V to ±9 V,
kSVR
25
°C
80
86
dB
(
ΔVCC±/ΔVIO)
VO = 0, RS = 50 Ω
ICC
Supply current (per amplifier)
VO = 0, No load
25
°C
1.4
2.8
mA
VO1/VO2
Crosstalk attenuation
AVD = 100
25
°C
120
dB
(1)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified.
(2)
Full range for TA is –40°C to 85°C for I-suffix devices and –40°C to 125°C for Q-suffix devices.
(3)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 14. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as
possible.
VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V, RL = 2 kΩ, CL = 100 pF, See Figure 1
8
13
V/
μs
tr
Rise time
VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1
0.05
μs
Overshoot factor
VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1
20
%
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω
f = 10 Hz to 10 kHz
4
μV
In
Equivalent input noise current
RS = 20 Ω, f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VIrms = 6 V, f = 1 kHz, AVD = 1, RS ≤ 1 kΩ, RL ≥ 2 kΩ
0.003
%
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com