Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL082
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL082 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL082 Datasheet HTML 3Page - Texas Instruments TL082 Datasheet HTML 4Page - Texas Instruments TL082 Datasheet HTML 5Page - Texas Instruments TL082 Datasheet HTML 6Page - Texas Instruments TL082 Datasheet HTML 7Page - Texas Instruments TL082 Datasheet HTML 8Page - Texas Instruments TL082 Datasheet HTML 9Page - Texas Instruments TL082 Datasheet HTML 10Page - Texas Instruments TL082 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
± 12.5
± 10
± 7.5
± 5
± 2.5
-75
-50
-25
0
25
50
75
100
125
± 15
0
RL = 10 kW
RL = 2 kW
VCC± = ±15 V
TA - Free-Air Temperature - °C
0
± 2.5
± 5
± 7.5
± 10
± 12.5
± 15
10k
40k
100k
400k
1M
4M
10M
VCC± = ±15 V
RL = 2 kΩ
TA = - 55°C
TA = 25°C
TA = 125°C
f - Frequenc y - Hz
0.1
0
RL - Load Resistance - k Ω
10
± 15
± 2.5
± 5
± 7.5
± 10
± 12.5
VCC± = ±15 V
TA = 25°C
0.2
0.4
0.7
1
2
4
7
0
0
| VCC±| - Suppl y Voltage - V
16
± 15
2
4
6
8
10
12
14
± 2.5
± 5
± 7.5
± 10
± 12.5
RL = 10 kΩ
TA = 25°C
TL082-Q1
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS548 – SEPTEMBER 2007
MAXIMUM PEAK OUTPUT VOLTAGE
MAXIMUM PEAK OUTPUT VOLTAGE
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
(See Figure 2)
(See Figure 2)
Figure 5.
Figure 6.
MAXIMUM PEAK OUTPUT VOLTAGE
vs
MAXIMUM PEAK OUTPUT VOLTAGE
LOAD RESISTANCE
vs
(See Figure 2)
SUPPLY VOLTAGE
Figure 7.
Figure 8.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com