Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL499ACPSR Datasheet(PDF) 9 Page - Texas Instruments

Part # TL499ACPSR
Description  TL499A Wide-Range Power-Supply Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL499ACPSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL499ACPSR Datasheet HTML 5Page - Texas Instruments TL499ACPSR Datasheet HTML 6Page - Texas Instruments TL499ACPSR Datasheet HTML 7Page - Texas Instruments TL499ACPSR Datasheet HTML 8Page - Texas Instruments TL499ACPSR Datasheet HTML 9Page - Texas Instruments TL499ACPSR Datasheet HTML 10Page - Texas Instruments TL499ACPSR Datasheet HTML 11Page - Texas Instruments TL499ACPSR Datasheet HTML 12Page - Texas Instruments TL499ACPSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TL499A
www.ti.com
SLVS029H – JANUARY 1984 – REVISED NOVEMBER 2015
Table 3. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 300 Ω (continued)
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
5
30
30
35
45
50
65
85
100
Circuit of Figure 1, except:
4.5
30
35
40
45
55
70
95
100(1)
RCL = 300 Ω
CF = 330 μF
3
45
50(1)
55(1)
70(1)
90(1)
CP = 0.1 μF
2.9
45(1)
50(1)
60(1)
75(1)
95(1)
(1)
The difference between the output and input voltage for these combinations is greater than the minimum output-to-input differential-
voltage specification at 70°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 4. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 510 Ω
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
30
30
50
25
25
40
75
20
40
55
90
15
15
20
55
70
100
12
10
15
25
35
65
80
100
10
10
20
25
30
40
70
85
9
10
10
10
15
20
25
35
45
75
100
6
15
20
20
25
30
35
50
60
5
20
20
35
30
35
45
55
70
Circuit of Figure 1, except:
4.5
25
25
30
35
40
50
65
90(1)
RCL = 510 Ω
CF = 330 μF
3
35
35(1)
40(1)
50(1)
75(1)
CP = 0.1 μF
2.9
35(1)
35(1)
40(1)
55(1)
80(1)
(1)
The difference between the output and input voltage for these combinations is greater than the minimum output-to-input differential-
voltage specification at 70°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 5. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 1 kΩ
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
30
35
25
35
50
20
35
60
15
10
30
45
65
12
20
40
45
85
10
15
25
40
55
9
10
10
15
25
30
45
60
6
10
10
10
15
20
20
30
35
5
10
10
15
20
20
25
35
40
Circuit of Figure 1, except:
4.5
15
15
15
20
25
30
40
45(1)
RCL = 1 kΩ
CF = 330 μF
3
20
25(1)
25(1)
30(1)
35(1)
CP = 0.1 μF
2.9
20(1)
25(1)
25(1)
30(1)
45(1)
(1)
The difference between the output and input voltage for these combinations is greater than the minimum output-to-input differential-
voltage specification at 70°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Copyright © 1984–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TL499A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com