Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL499ACPSR Datasheet(PDF) 1 Page - Texas Instruments

Part # TL499ACPSR
Description  TL499A Wide-Range Power-Supply Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL499ACPSR Datasheet(HTML) 1 Page - Texas Instruments

  TL499ACPSR Datasheet HTML 1Page - Texas Instruments TL499ACPSR Datasheet HTML 2Page - Texas Instruments TL499ACPSR Datasheet HTML 3Page - Texas Instruments TL499ACPSR Datasheet HTML 4Page - Texas Instruments TL499ACPSR Datasheet HTML 5Page - Texas Instruments TL499ACPSR Datasheet HTML 6Page - Texas Instruments TL499ACPSR Datasheet HTML 7Page - Texas Instruments TL499ACPSR Datasheet HTML 8Page - Texas Instruments TL499ACPSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TL499A
L = 50 µH
SERIES IN1
SW REG IN2
RCL = 500 Ω
OUTPUT
CF = 470 µF
RE1
RE2 = 4.7 kΩ
CP = 0.01 µF
SERIES IN1
SW REG IN2
REF
SW CURRENT
CTRL
OUTPUT
SW IN
GND (PWR)
GND
+
1
3
8
7
6
5
8
1
2
3
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL499A
SLVS029H – JANUARY 1984 – REVISED NOVEMBER 2015
TL499A Wide-Range Power-Supply Controllers
1 Features
3 Description
The TL499A device is an integrated circuit designed
1
•
Internal Series-Pass and Step-Up Switching
to provide a wide range of adjustable regulated
Regulator
supply voltages. The regulated output voltage can be
•
Output Adjustable From 2.9 V to 30 V
varied from 2.9 V to 30 V by adjusting two external
•
1-V to 10-V Input for Switching Regulator
resistors. When the TL499A is ac-coupled to line
power through a step-down transformer, it operates
•
4.5-V to 32-V Input for Series Regulator
as a series DC voltage regulator to maintain the
•
Externally Controlled Switching Current
regulated output voltage. With the addition of a
•
No External Rectifier Required
battery from 1.1 V to 10 V, an inductor, a filter
capacitor, and two resistors, the TL499A operates as
2 Applications
a step-up switching regulator during an AC-line
failure. The adjustable regulated output voltage
•
Voltage Boosting
makes the TL499A useful for a wide range of
•
Dual-Supply Voltage Reglation
applications. Providing backup power during an AC-
line failure makes the TL499A extremely useful in
•
Battery Back-Ups
microprocessor memory applications. The TL499AC
•
Microprocessor Memory Power
is characterized for operation from –20°C to +85°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
SO (8)
6.20 mm × 5.30 mm
TL499A
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL499ACPSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499ACPSR TI-TL499ACPSR Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACPSR TI1-TL499ACPSR Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
TL499ACPSRE4 TI-TL499ACPSRE4 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results

Similar Description - TL499ACPSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
60W WIDE-RANGE POWER SUPPLY
Jan-2004
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
Wide power supply voltage range
logo
Texas Instruments
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com