Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3586AX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC3586AX
Description  EC3586 3D Serial Mouse Controller With Auto-Ref
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3586AX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC3586AX Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E-CMOS
EC3586
飛虹積體電路股份有限公司
Page 2
of
8
TEL:(03)5783622
FAX:(03)5783630
2. PIN DESCRIPTION
PIN NO
PIN NAME
I/O
FUNCTION
1
Z1
I
Input from Z-axis photo / mechanical encoder .
2
Z2
I
Input from Z-axis photo / mechanical encoder.
3
BM
I
Middle button input.
4
XIN
I
Crystal oscillator input.
5
XOUT
O
Crystal oscillator output.
6
RTS
I
When once a rising edge sent to RTS within 15ms
then the mouse will return a series PnP ID code to
identify the mouse mode in Microsoft IntelliMouse.
7
RXD
O
Serial data output to Receive Data of RS232C.
8
VSS
Negative power supply.
9
Br
I
Left button input.
10
NC
I
NC
11
BL
I
Left button input.
12
X1
I
Input from the first X axis photo-encoder.
13
X2
I
Input from the second X axis photo-encoder.
14
Y1
I
Input from the first Y axis photo-encoder.
15
Y2
I
Input from the second Y axis photo-encoder.
16
VDD
Positive power supply.
3. DATA FORMAT
3.1 Intelli 3D (Serial,1200bps):
Bit
byte
6
5
4
3
2
1
0
1
1
BL
BR
Y7
Y6
X7
X6
2
0
X5
X4
X3
X2
X1
X0
3
0
Y5
Y4
Y3
Y2
Y1
Y0
4
0
BM
Z3
Z2
Z1
Z0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com