Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3586AX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC3586AX
Description  EC3586 3D Serial Mouse Controller With Auto-Ref
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3586AX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC3586AX Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3586AX Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
E-CMOS
EC3586
飛虹積體電路股份有限公司
Page 1
of
8
TEL:(03)5783622
FAX:(03)5783630
EC3586 3D Serial Mouse Controller With Auto-Ref
FEATURES
. Auto-reference function for X-, Y-, Z-axis.
. 5 types of Z-axis encoders: button, optical 1:1, 2:1, 4:1 & mechanical 2:1
. Built-in Zener diode.
Ordering Information:
Encoder type
32768 Hz
2:1 Optical/Mechanical
EC3586AX
Button
EC3586BX
4:1 Optical
EC3586CX
1:1 Optical
EC3586EX
1. PIN ASSIGNMENT
1
Z1
2
Z2
3
BM
4
XIN
5
XOUT
6
RXD
7
RTS
8
16
VDD
15
Y2
14
Y1
13
X2
12
X1
11
NC
10
BL
9
BR
VSS
EC3586


Similar Part No. - EC3586AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3581 ETC2-EC3581 Datasheet
339Kb / 14P
2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
More results

Similar Description - EC3586AX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
3D Mouse Controller
3rd Mar 99
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
WIN2000 3D PS/2 Mouse Controller
February 22, 2000
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
logo
List of Unclassifed Man...
TP8472 ETC-TP8472 Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
TP8482 ETC-TP8482 Datasheet
425Kb / 26P
PS/2 3D 5KEY MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
27MHz 3D PS2 Mouse Controller
October 29, 2002
logo
List of Unclassifed Man...
EC3592R ETC1-EC3592R Datasheet
137Kb / 11P
PS/2 Mouse Controller with Auto-Ref
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
3-Key 3D PS/2 Mouse Controller
September 23, 2005
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com