Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F527 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F527
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 9Page - Microchip Technology PIC16F527 Datasheet HTML 10Page - Microchip Technology PIC16F527 Datasheet HTML 11Page - Microchip Technology PIC16F527 Datasheet HTML 12Page - Microchip Technology PIC16F527 Datasheet HTML 13Page - Microchip Technology PIC16F527 Datasheet HTML 14Page - Microchip Technology PIC16F527 Datasheet HTML 15Page - Microchip Technology PIC16F527 Datasheet HTML 16Page - Microchip Technology PIC16F527 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 13
PIC16F527
4.2
Data Memory (SRAM and SFRs)
Data memory is composed of registers or bytes of
SRAM. Therefore, data memory for a device is
specified by its register file. The register file is divided
into two functional groups: Special Function Registers
(SFR) and General Purpose Registers (GPR).
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling
desired operations of the PIC16F527. See Section 4.3
“STATUS Register” for details.
4.2.1
GENERAL PURPOSE REGISTER
FILE
The General Purpose Register file is accessed directly
or indirectly. See Section 4.8 “Direct and Indirect
Addressing”.
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions to control the
operation of the device (see Section 4.3 “STATUS
Register”).
The Special Function Registers can be classified into
two sets. The Special Function Registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section for each
peripheral feature.
FIGURE 4-2:
PIC16F527 REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
PORTA
10h
Bank 0
Bank 1
Bank 2
Bank 3
3Fh
30h
20h
5Fh
50h
40h
7Fh
70h
60h
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
PORTB
08h
Note 1: Not a physical register. See Section 4.8 “Direct and Indirect Addressing”.
BSR<1:0>
00
01
10
11
2Fh
4Fh
6Fh
PORTC
INTCON0
09h
0Ah
0Bh
ADRES
ADCON0
0Ch
0Fh
INDF(1)
EECON
PCL
STATUS
FSR
EEDATA
EEADR
CM2CON0
INTCON0
ANSEL
VRCON
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
PORTA
PORTB
ADRES
ADCON0
INDF(1)
IW
PCL
STATUS
FSR
INTCON1
ISTATUS
ANSEL
OPACON
PORTC
IBSR
INTCON0
INTCON0
CM1CON0
IFSR
Addresses map back to
addresses in Bank 0.
6Ch
4Ch
2Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com