Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F527 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F527
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 10Page - Microchip Technology PIC16F527 Datasheet HTML 11Page - Microchip Technology PIC16F527 Datasheet HTML 12Page - Microchip Technology PIC16F527 Datasheet HTML 13Page - Microchip Technology PIC16F527 Datasheet HTML 14Page - Microchip Technology PIC16F527 Datasheet HTML 15Page - Microchip Technology PIC16F527 Datasheet HTML 16Page - Microchip Technology PIC16F527 Datasheet HTML 17Page - Microchip Technology PIC16F527 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
PIC16F527
DS40001652C-page 14
 2012-2014 Microchip Technology Inc.
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Value on all
other Resets
Bank 0
N/A
W(2)
Working Register (W)
xxxx xxxx
xxxx xxxx
N/A
TRIS
I/O Control Registers (TRISA, TRISB, TRISC)
1111 1111
1111 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT prescaler
1111 1111
1111 1111
N/A
BSR(2)
—
—
—
—
—
—
BSR1
BSR0
---- -000
---- -0uu
00h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
01h
TMR0
Timer0 module Register
xxxx xxxx
uuuu uuuu
02h
PCL(1)
Low-order eight bits of PC
1111 1111
1111 1111
03h
STATUS(2)
Reserved
Reserved
PA0
TO
PD
ZDC
C
-001 1xxx
-00q qqqq
04h
FSR(2)
—
Indirect data memory address pointer
0xxx xxxx
0uuu uuuu
05h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
uuuu uuu-
06h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
07h
PORTB
RB7
RB6
RB5
RB4
—
—
—
—
xxxx ----
uuuu ----
08h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
09h
ADCON0
ADCS1
ADCS0
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
1111 1100
1111 1100
0Ah
ADRES
ADC Conversion Result
xxxx xxxx
uuuu uuuu
0Bh
INTCON0
ADIF
CWIF
T0IF
RAIF
—
—
—
GIE
0000 ---0
0000 ---0
Bank 1
N/A
W(2)
Working Register (W)
xxxx xxxx
xxxx xxxx
N/A
TRIS
I/O Control Registers (TRISA, TRISB, TRISC)
1111 1111
1111 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT prescaler
1111 1111
1111 1111
N/A
BSR(2)
—
—
—
—
—
—
BSR1
BSR0
---- -000
---- -0uu
20h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
21h
EECON
—
—
—
FREE
WRERR
WREN
WR
RD
---0 0000
---0 0000
22h
PCL(1)
Low-order eight bits of PC
1111 1111
1111 1111
23h
STATUS(2)
Reserved
Reserved
PA0
TO
PD
ZDC
C
-001 1xxx
-00q qqqq
24h
FSR(2)
—
Indirect data memory address pointer
0xxx xxxx
0uuu uuuu
25h
EEDATA
Self Read/Write Data
xxxx xxxx
uuuu uuuu
26h
EEADR
—
—
Self Read/Write Address
--xx xxxx
--uu uuuu
27h
CM1CON0
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
1111 1111
quuu uuuu
28h
CM2CON0
C2OUT
C2OUTEN
C2POL
C2PREF2
C2ON
C2NREF C2PREF1
C2WU
1111 1111
quuu uuuu
29h
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
001- 0000
uuu- uuuu
2Ah
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
2Bh
INTCON0
ADIF
CWIF
T0IF
RAIF
—
—
—
GIE
0000 ---0
0000 ---0
Legend:
x = unknown, u = unchanged, – = unimplemented, read as '0' (if applicable), q = value depends on condition.
Shaded cells = unimplemented or unused
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.6 “Program Counter” for an explanation of how to access
these bits.
2:
Registers are implemented as two physical registers. When executing from within an ISR, a secondary register is used at the same logical
location. Both registers are persistent. See Section 8.11 “Interrupts”.
3:
These registers show the contents of the registers in the other context: ISR or main line code. See Section 8.11 “Interrupts”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com