Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 177Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 178Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 179Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 180Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 181Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 182Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 183Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 184Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 181
PIC16(L)F1507
22.8
Dead-Band Uncertainty
When the rising and falling edges of the input source
triggers the dead-band counters, the input may be asyn-
chronous. This will create some uncertainty in the dead-
band time delay. The maximum uncertainty is equal to
one CWG clock period. Refer to Equation 22-1 for more
detail.
EQUATION 22-1:
DEAD-BAND
UNCERTAINTY
22.9
Auto-Shutdown Control
Auto-shutdown is a method to immediately override the
CWG output levels with specific overrides that allow for
safe shutdown of the circuit. The shutdown state can be
either cleared automatically or held until cleared by
software.
22.9.1
SHUTDOWN
The shutdown state can be entered by either of the
following two methods:
• Software generated
• External Input
22.9.1.1
Software Generated Shutdown
Setting the GxASE bit of the CWGxCON2 register will
force the CWG into the shutdown state.
When auto-restart is disabled, the shutdown state will
persist as long as the GxASE bit is set.
When auto-restart is enabled, the GxASE bit will clear
automatically and resume operation on the next rising
edge event. See Figure 22-6.
22.9.1.2
External Input Source
External shutdown inputs provide the fastest way to
safely suspend CWG operation in the event of a Fault
condition. When any of the selected shutdown inputs
goes active, the CWG outputs will immediately go to
the selected override levels without software delay. Any
combination of two input sources can be selected to
cause a shutdown condition. The sources are:
• CLC2 – LC2_out
•CWG1FLT
Shutdown inputs are selected in the CWGxCON2
register. (Register 22-3).
TDEADBAND_UNCERTAINTY
1
Fcwg_clock
-----------------------------
=
Therefore:
Fcwg_clock
16 MHz
=
1
16 MHz
-------------------
=
62.5ns
=
TDEADBAND_UNCERTAINTY
1
Fcwg_clock
-----------------------------
=
Example:
Note:
Shutdown inputs are level sensitive, not
edge sensitive. The shutdown state can-
not be cleared, except by disabling auto-
shutdown, as long as the shutdown input
level persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com