Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 24Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 25Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 26Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 27Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 28Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 29Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 30Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 31Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 28
 2011-2015 Microchip Technology Inc.
Banks 14-29
x0Ch/
x8Ch
—
x1Fh/
x9Fh
—
Unimplemented
—
—
Bank 30
F0Ch
to
F0Eh
—
Unimplemented
—
—
F0Fh
CLCDATA
—
—
—
—
—
—
MLC2OUT
MLC1OUT
---- --00 ---- --00
F10h
CLC1CON
LC1EN
LC1OE
LC1OUT
LC1INTP
LC1INTN
LC1MODE<2:0>
0000 0000 0000 0000
F11h
CLC1POL
LC1POL
—
—
—
LC1G4POL LC1G3POL LC1G2POL
LC1G1POL
0--- xxxx 0--- uuuu
F12h
CLC1SEL0
—
LC1D2S<2:0>
—
LC1D1S<2:0>
-xxx -xxx -uuu -uuu
F13h
CLC1SEL1
—
LC1D4S<2:0>
—
LC1D3S<2:0>
-xxx -xxx -uuu -uuu
F14h
CLC1GLS0
LC1G1D4T LC1G1D4N LC1G1D3T LC1G1D3N LC1G1D2T LC1G1D2N LC1G1D1T
LC1G1D1N
xxxx xxxx uuuu uuuu
F15h
CLC1GLS1
LC1G2D4T LC1G2D4N LC1G2D3T LC1G2D3N LC1G2D2T LC1G2D2N LC1G2D1T
LC1G2D1N
xxxx xxxx uuuu uuuu
F16h
CLC1GLS2
LC1G3D4T LC1G3D4N LC1G3D3T LC1G3D3N LC1G3D2T LC1G3D2N LC1G3D1T
LC1G3D1N
xxxx xxxx uuuu uuuu
F17h
CLC1GLS3
LC1G4D4T LC1G4D4N LC1G4D3T LC1G4D3N LC1G4D2T LC1G4D2N LC1G4D1T
LC1G4D1N
xxxx xxxx uuuu uuuu
F18h
CLC2CON
LC2EN
LC2OE
LC2OUT
LC2INTP
LC2INTN
LC2MODE<2:0>
0000 0000 0000 0000
F19h
CLC2POL
LC2POL
—
—
—
LC2G4POL LC2G3POL LC2G2POL
LC2G1POL
0--- xxxx 0--- uuuu
F1Ah
CLC2SEL0
—
LC2D2S<2:0>
—
LC2D1S<2:0>
-xxx -xxx -uuu -uuu
F1Bh
CLC2SEL1
—
LC2D4S<2:0>
—
LC2D3S<2:0>
-xxx -xxx -uuu -uuu
F1Ch
CLC2GLS0
LC2G1D4T LC2G1D4N LC2G1D3T LC2G1D3N LC2G1D2T LC2G1D2N LC2G1D1T
LC2G1D1N
xxxx xxxx uuuu uuuu
F1Dh
CLC2GLS1
LC2G2D4T LC2G2D4N LC2G2D3T LC2G2D3N LC2G2D2T LC2G2D2N LC2G2D1T
LC2G2D1N
xxxx xxxx uuuu uuuu
F1Eh
CLC2GLS2
LC2G3D4T LC2G3D4N LC2G3D3T LC2G3D3N LC2G3D2T LC2G3D2N LC2G3D1T
LC2G3D1N
xxxx xxxx uuuu uuuu
F1Fh
CLC2GLS3
LC2G4D4T LC2G4D4N LC2G4D3T LC2G4D3N LC2G4D2T LC2G4D2N LC2G4D1T
LC2G4D1N
xxxx xxxx uuuu uuuu
F20h
to
F6Fh
—
Unimplemented
—
—
TABLE 3-5:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1507 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com