Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 39Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 40Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 41Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 42Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 43Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 44Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 45Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 46Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 43
PIC16(L)F1507
FIGURE 5-1:
SIMPLIFIED PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
Primary
Oscillator
(OSC)
Secondary
Oscillator
(SOSC)
CLKIN/ OSC1/
SOSCI/ T1CKI
CLKOUT/ OSC2/
SOSCO/ T1G
Start-up
Control Logic
16 MHz
Oscillator
Fast Start-up
Oscillator
31 kHz
Oscillator
HFINTOSC
(1)
16 MHz
8MHz
4MHz
2MHz
1MHz
*500 kHz
*250 kHz
*125 kHz
62.5 kHz
*31.25 kHz
*31 kHz
IRCF<3:0>
4
INTOSC
Secondary Clock
(1)
Primary Clock
HFINTOSC
LFINTOSC
to CPU and
Peripherals
Sleep
FOSC
(1)
LFINTOSC
(1)
to WDT, PWRT, and
other Peripherals
* Available with more than one IRCF selection
Clock
Control
FOSC<2:0>
SCS<1:0>
32
600 kHz
Oscillator
FRC
FRC
(1)
to ADC and
other Peripherals
Rev. 10-000030A
7/30/2013
Note 1:
See Section 5.2.2.4 “Peripheral Clock Sources”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com