Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 97Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 98Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 99Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 100Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 101Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 102Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 103Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 104Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 101
PIC16(L)F1507
11.5
PORTB Registers
11.5.1
DATA REGISTER
PORTB is a 4-bit wide, bidirectional port. The
corresponding data direction register is TRISB
(Register 11-8). Setting a TRISB bit (= 1) will make the
corresponding PORTB pin an input (i.e., disable the
output driver). Clearing a TRISB bit (= 0) will make the
corresponding PORTB pin an output (i.e., enables
output driver and puts the contents of the output latch
on the selected pin). Example 11-1 shows how to
initialize an I/O port.
Reading the PORTB register (Register 11-7) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch (LATB).
11.5.2
DIRECTION CONTROL
The TRISB register (Register 11-8) controls the
PORTB pin output drivers, even when they are being
used as analog inputs. The user should ensure the bits
in the TRISB register are maintained set when using
them as analog inputs. I/O pins configured as analog
input always read ‘0’.
11.5.3
ANALOG CONTROL
The ANSELB register (Register 11-10) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELB bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELB bits has no effect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
11.5.4
PORTB FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTB pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are shown in Table 11-5.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the highest priority.
Analog input functions, such as ADC and comparator
inputs, are not shown in the priority lists. These inputs
are active when the I/O pin is set for Analog mode using
the ANSELx registers. Digital output functions may
control the pin when it is in Analog mode with the
priority shown below in Table 11-5.
Note:
The ANSELB bits default to the Analog
mode after Reset. To use any pins as
digital general purpose or peripheral
inputs, the corresponding ANSEL bits
must be initialized to ‘0’ by user software.
TABLE 11-5:
PORTB OUTPUT PRIORITY
Pin Name
Function Priority(1)
RB4
RB4
RB5
RB5
RB6
RB6
RB7
RB7
Note 1:
Priority listed from highest to lowest.
2:
Default pin (see APFCON register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com