Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 150Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 151Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 152Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 153Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 154Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 155Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 156Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 157Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 154
 2011-2015 Microchip Technology Inc.
20.0
CONFIGURABLE LOGIC CELL
(CLC)
The Configurable Logic Cell (CLCx) provides program-
mable logic that operates outside the speed limitations
of software execution. The logic cell takes up to 16
input signals, and through the use of configurable
gates, reduces the 16 inputs to four logic lines that drive
one of eight selectable single-output logic functions.
Input sources are a combination of the following:
• I/O pins
• Internal clocks
• Peripherals
•Register bits
The output can be directed internally to peripherals and
to an output pin.
Refer to Figure 20-1 for a simplified diagram showing
signal flow through the CLCx.
Possible configurations include:
• Combinatorial Logic
-AND
-NAND
- AND-OR
- AND-OR-INVERT
-OR-XOR
-OR-XNOR
• Latches
-S-R
- Clocked D with Set and Reset
- Transparent D with Set and Reset
- Clocked J-K with Reset
FIGURE 20-1:
CONFIGURABLE LOGIC CELL BLOCK DIAGRAM
Logic
Function
(2)
lcxg2
lcxg1
lcxg3
lcxg4
LCxMODE<2:0>
lcxq
LCxEN
LCx_in[0]
LCx_in[1]
LCx_in[2]
LCx_in[3]
LCx_in[4]
LCx_in[5]
LCx_in[6]
LCx_in[7]
LCx_in[8]
LCx_in[9]
LCx_in[10]
LCx_in[11]
LCx_in[12]
LCx_in[13]
LCx_in[14]
LCx_in[15]
LCxPOL
det
Interrupt
det
Interrupt
set bit
CLCxIF
LCXINTN
LCXINTP
LCxOE
TRIS Control
CLCx
to Peripherals
Q1
LCx_out
LCxOUT
MLCxOUT
DQ
Rev. 10-000025A
8/1/2013
Note 1:
See Figure 20-2.
2:
See Figure 20-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com