Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 165Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 166Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 167Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 168Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 169Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 170Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 171Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 172Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 169
PIC16(L)F1507
TABLE 20-3:
SUMMARY OF REGISTERS ASSOCIATED WITH CLCx
Name
Bit7
Bit6
Bit5
Bit4
BIt3
Bit2
Bit1
Bit0
Register
on Page
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
99
ANSELB
—
—
ANSB5
ANSB4
—
—
—
—
103
ANSELC
ANSC7
ANSC6
—
—
ANSC3
ANSC2
ANSC1
ANSC0
107
CLC1CON
LC1EN
LC1OE
LC1OUT
LC1INTP
LC1INTN
LC1MODE<2:0>
160
CLCDATA
—
—
—
—
—
MLC3OUT
MLC2OUT
MLC1OUT
168
CLC1GLS0
LC1G1D4T
LC1G1D4N
LC1G1D3T
LC1G1D3N
LC1G1D2T
LC1G1D2N
LC1G1D1T
LC1G1D1N
164
CLC1GLS1
LC1G2D4T
LC1G2D4N
LC1G2D3T
LC1G2D3N
LC1G2D2T
LC1G2D2N
LC1G2D1T
LC1G2D1N
165
CLC1GLS2
LC1G3D4T
LC1G3D4N
LC1G3D3T
LC1G3D3N
LC1G3D2T
LC1G3D2N
LC1G3D1T
LC1G3D1N
166
CLC1GLS3
LC1G4D4T
LC1G4D4N
LC1G4D3T
LC1G4D3N
LC1G4D2T
LC1G4D2N
LC1G4D1T
LC1G4D1N
167
CLC1POL
LC1POL
—
—
—
LC1G4POL
LC1G3POL
LC1G2POL
LC1G1POL
161
CLC1SEL0
—
LC1D2S<2:0>
—LC1D1S<2:0>
162
CLC1SEL1
—
LC1D4S<2:0>
—LC1D3S<2:0>
163
CLC2CON
LC2EN
LC2OE
LC2OUT
LC2INTP
LC2INTN
LC2MODE<2:0>
160
CLC2GLS0
LC2G1D4T
LC2G1D4N
LC2G1D3T
LC2G1D3N
LC2G1D2T
LC2G1D2N
LC2G1D1T
LC2G1D1N
164
CLC2GLS1
LC2G2D4T
LC2G2D4N
LC2G2D3T
LC2G2D3N
LC2G2D2T
LC2G2D2N
LC2G2D1T
LC2G2D1N
165
CLC2GLS2
LC2G3D4T
LC2G3D4N
LC2G3D3T
LC2G3D3N
LC2G3D2T
LC2G3D2N
LC2G3D1T
LC2G3D1N
166
CLC2GLS3
LC2G4D4T
LC2G4D4N
LC2G4D3T
LC2G4D3N
LC2G4D2T
LC2G4D2N
LC2G4D1T
LC2G4D1N
167
CLC2POL
LC2POL
—
—
—
LC2G4POL
LC2G3POL
LC2G2POL
LC2G1POL
161
CLC2SEL0
—
LC2D2S<2:0>
—LC2D1S<2:0>
162
CLC2SEL1
—
LC2D4S<2:0>
—LC2D3S<2:0>
163
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
64
PIE3
—
—
—
—
—
—
CLC2IE
CLC1IE
67
PIR3
—
—
—
—
—
—
CLC2IF
CLC1IF
70
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
98
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
102
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
106
Legend:
— = unimplemented read as ‘0’,. Shaded cells are not used for CLC module.
Note
1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com