Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP6010/02P/ST Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PXP6010/02P/ST
Description  6000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP6010/02P/ST Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PXP6010/02P/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
43 Buccaneer for Power
Accessories
BUCCANEER FOR POWER
6000 Series Buccaneer
Sealing Caps
Cable Gland Pack
Cable Braid Termination Option
PXM6083 PXM6082
PXM6081
PXP6088
PXM6090
Maintains IP Rating of
Unmated Connectors
PXM6081: Fits PXM6010
(Flex Connector)
PXM6082: Fits PXM6011
(Flex In-Line Connector)
PXM6083: Fits PXM6012
(Panel Connector)
Pack of all cable glands to suit
cable ranges from 4.0 to
10.0mm diameter
For cable braid termination
Supplied with ty-rap



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com