Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP6010/02P/ST Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PXP6010/02P/ST
Description  6000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP6010/02P/ST Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PXP6010/02P/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP6010/02P/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Buccaneer for Power 44
Part No System
BUCCANEER FOR POWER
6000 Series Buccaneer
Series Designation Series / Body Style No. of Contacts
Contacts Type
Terminations
Cable Entry Size
PXM= Metal Series
PXP= Plastic Series
Body Styles
6010 = Flex
6011 = Flex In-Line
6012 = Panel
No. of Contacts
02 = 2 Pole
03 = 3 Pole
08 = 8 Pole
16 = 16 Pole
22 = 22 Pole
Contacts Type
P = Pin
S = Socket
Contacts Termination
CR = Contacts
Required
ST = Screw
(2 and 3 pole only)
Cable Entry Size
(for Flex and Flex In-
Line connectors only)
0405 = 4-5mm
(Dark Grey)
0507 = 5-7mm
(White)
0709 = 7-9mm
(Yellow)
0910 = 9-10mm
(Light Grey)
Examples
PXX
6XXX
XX
XX
X
XX
XXXX
Cable Brand Termination Accessory
Cable Braid Termination Accessory
(for Flex and Flex In-Line connectors only)
SN if required
Blank if not required
PXM6010/03P/CR/0507= Flex cable connector, 3 pole, pin contacts with 5 to 7mm cable glands
PXM6012/03/S/ST= Front panel mounting connector, 3 pole, socket with screw
termination



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com