Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0911/02/P Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PX0911/02/P
Description  900 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0911/02/P Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PX0911/02/P Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Buccaneer for Power 16
BUCCANEER FOR POWER
900 Series Buccaneer
Panel Mounted Connector
PX0931
Panel Mounting
Mates with PX0911 and
PXA911 connectors
Single hole fixing
Anti-rotation key
High grade sealing gasket
3-7mm panel thickness
Flange Mounted Connector
PX0941
Flange Mounting
Mates with PX0911 and
PXA911 connectors
Supplied with high grade
sealing gasket
Supplied with sealing
grommets for panel fixing
screws (M6 thread
recommended)
PX0931/02/P
PX0931/03/P
PX0931/04/P
PX0931/05/P
PX0931/07/P
PX0931/10/P
2 pole Plug
3 pole Plug
4 pole Plug
5 pole Plug
7 pole Plug
10 pole Plug
PX0931/02/S
PX0931/03/S
PX0931/04/S
PX0931/05/S
PX0931/07/S
PX0931/10/S
2 pole Socket
3 pole Socket
4 pole Socket
5 pole Socket
7 pole Socket
10 pole Socket
PX0941/02/P
PX0941/03/P
PX0941/04/P
PX0941/05/P
PX0941/07/P
PX0941/10/P
2 pole Plug
3 pole Plug
4 pole Plug
5 pole Plug
7 pole Plug
10 pole Plug
PX0941/02/S
PX0941/03/S
PX0941/04/S
PX0941/05/S
PX0941/07/S
PX0941/10/S
2 pole Socket
3 pole Socket
4 pole Socket
5 pole Socket
7 pole Socket
10 pole Socket



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com