Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0911/02/P Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PX0911/02/P
Description  900 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0911/02/P Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PX0911/02/P Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
19 Buccaneer for Power
Part No System
BUCCANEER FOR POWER
900 Series Buccaneer
Series Designation
Body Styles
Contact Termination
Number Contacts
Contact Type
Cable Acceptance
09 = Standard Cable
Accommodation
(7-13mm)
A9 = Large Cable
Accommodation
(14-22mm)
1 = Flex
2 = Flex In-line
3 = Panel
4 = Flange Panel
1 = Screw Terminal
02 = 2 pole
03 = 3 pole
04 = 4 pole
05 = 5 pole
07 = 7 pole
10 = 10 pole
P = Plug, S = Socket
EXP-0 version:
Blank = 13-15mm
Yellow cable gland (std)
3 = 11-13mm
Black cable gland
2 = 9-11mm
White cable gland
1 = 7-9mm
Dark Grey cable gland
EXP-A version:
Blank = 20-22mm
Yellow cable gland (std)
9 = 18-20mm
Black cable gland
8 = 16-18mm
White cable gland
7 = 14-16mm
Dark Grey cable gland
PX0911/07/P/03 = Flex cable connector with standard cable accommodation body,
seven pin contacts, with gland to suit 11-13mm cable.
Example:
PX X9
X
X
XX
X
XX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com