Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS00/A Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PS00/A
Description  Mains Filters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PS00/A Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PS00/A Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IEC Connectors 182
63 = 6.3mm tabs
Mains Filters
IEC Power Inlets Flange and Snap Fit
Panel Mounting
Snap Fit
Flange PS00/A
Snap Fit PS01/A
1, 3, 6 or 10 Amp Current
Rating
3 Alternative Circuits
No additional components
6.3mm tabs
1, 3, 6 or 10 Amp Current
Rating
3 Alternative Circuits
No additional components
6.3mm tabs
1, 1.5, 2 or 3mm panels
PS00/A
PS01/A
Series
Rating
L/C Circuit
Additional
Components
Tag Type and
Configuration
Panel
Thickness
Circuit Board
Diagram
01 = 1A
03 = 3A
06 = 6A
10 = 10A
1 = Version 1
2 = Version 2
3 = Version 3
0 = None
00 = Flange
10 = 1.0mm
15 = 1.5mm
20 = 2.0mm
30 = 3.0mm
Specification
Max. Working Voltage:
Earth Leakage Current:
Temperature Range:
Max. Ambient Temp:
(@ Full Load)
Test Voltage:
Approvals:
Mating Connectors:
RoHS
PS00/Axxxx/xx00
250V a.c. 50-400Hz
<0.35mA (250V, 50Hz)
–25ºC to +85ºC
40ºC (derate linearly to 0A @ 85ºC)
2700V d.c. 2 secs. Lines to Earth
1100V d.c. 2 secs. Live to Neutral
PX0587, PX0587/SE, PX0588
Compliant
250V a.c. 50-400Hz
<0.35mA (250V, 50Hz)
–25ºC to +85ºC
40ºC (derate linearly to 0A @ 85ºC)
2700V d.c. 2 secs. Lines to Earth
1100V d.c. 2 secs. Live to Neutral
PX0587, PX0587/SE, PX0588
Compliant
PS01/Axxxx/xxxx
Part No. Example
PS00/A0120/6300
PS00 series, flange fitting,
standard filtered IEC power inlet,
rated at 1 ampere. L/C circuit
version 2, i.e. L1 = 2 x 10mH,
Cx = 15nF, Cy = 2 x 2.2nF.
6.3mm tabs.
X
XX
0
63
XX
How to order -
PS00/A
or
PS01/A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com