Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS00/A Datasheet(PDF) 8 Page - Bulgin Limited. All rights reserved.

Part # PS00/A
Description  Mains Filters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PS00/A Datasheet(HTML) 8 Page - Bulgin Limited. All rights reserved.

  PS00/A Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PS00/A Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IEC Connectors 188
Mains Filters
IEC Power Inlets Flange and Snap Fit (Twin Fused)
Base Mounting
Snap Fit
PS25/A
PS26/A
2 or 4 Amp Current Rating
Twin Fused
No additional components
6.3mm tabs
2 or 4 Amp Current Rating
Twin Fused
No additional components
6.3mm tabs
1, 1.5, 2 or 3mm panels
Specification
Max. Working Voltage:
Earth Leakage Current:
Temperature Range:
Max. Ambient Temp:
(@ Full Load)
Test Voltage:
Approvals:
Mating Connectors
Accessories
RoHS
PS25/Axx2x/xx00
250V a.c. 50-400Hz
2.5W per fuse
<0.35mA (250V, 50Hz)
40ºC (derate linearly to 0A @ 85ºC)
2700V d.c. 2 secs. Lines to Earth
1100V d.c. 2 secs. Live to Neutral
PX0587, PX0587/SE, PX0588
P.No. 14340 (see page 151)
Compliant
250V a.c. 50-400Hz
2.5W per fuse
<0.35mA (250V, 50Hz)
40ºC (derate linearly to 0A @ 85ºC)
2700V d.c. 2 secs. Lines to Earth
1100V d.c. 2 secs. Live to Neutral
PX0587, PX0587/SE, PX0588
P.No. 14340 (see page 151)
Compliant
PS26/Axx2x/xxxx
Part No. Example
PS20/A0620/63
PS20 series, flange fitting,
standard filtered IEC power inlet,
single fused, rated at 6 amperes.
L/C circuit version 2, i.e L1 = 2
x 0.7mH, Cx = 1 x 15nF, Cy = 2
x 2.2nF. 6.3mm tabs.
How to order -
PS25/A
PS26/A
Series
Rating
L/C Circuit
Additional
Components
Tag Type and
Configuration
Panel
Thickness
Circuit Board
Diagram
02 = 2A
04 = 4A
2 = Version 2
0 = None
63 = 6.3mm tabs
00 = Flange
10 = 1.0mm
15 = 1.5mm
20 = 2.0mm
30 = 3.0mm
X
2
0
63
XX
PS25/A
or
PS26/A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com