Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0840/A/2M00 Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PX0840/A/2M00
Description  Standard Buccaneer - USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0840/A/2M00 Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PX0840/A/2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BUCCANEER FOR DATA
Standard Buccaneer - USB
Sealed USB Cables - Single Ended
PX0840/A
PX0840/B
Single ended sealed cable
assembly
IP68 ‘A’ type USB connector to
standard ‘B’ type USB connector,
mates with all panel mount
connectors
IP68 ‘B’ type USB connector to
standard ‘A’ type USB connector,
mates with all panel mount
connectors
Available in 2m, 3m and 5m
lengths
PX0840/A/xMxx
PX0840/B/xMxx
Part no.
Length
Description
PX0840/A/2M00
PX0840/A/3M00
PX0840/A/5M00
PX0840/B/2M00
PX0840/B/3M00
PX0840/B/5M00
2m
3m
5m
2m
3m
5m
IP68 A type USB to standard B type USB
IP68 A type USB to standard B type USB
IP68 A type USB to standard B type USB
IP68 B type USB to standard A type USB
IP68 B type USB to standard A type USB
IP68 B type USB to standard A type USB
Double ended sealed cable
assembly
IP68 ‘A’ type USB connector to
IP68 ‘B’ type USB connector
Mates with all panel mount
connectors
Available in 2m, 3m and 5m
lengths
Sealed USB Cables Double Ended
PX0841/AB
PX0841/AB/xMxx
Part no.
Length
Description
PX0841/AB/2M00
PX0841/AB/3M00
PX0841/AB/5M00
2m
3m
5m
IP68 A type USB to IP68 B type USB
IP68 A type USB to IP68 B type USB
IP68 A type USB to IP68 B type USB
63 Buccaneer for Data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com