Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0840/A/2M00 Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PX0840/A/2M00
Description  Standard Buccaneer - USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0840/A/2M00 Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PX0840/A/2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BUCCANEER FOR DATA
Standard Buccaneer - USB
Front Panel Mounting Connector
Front Panel Mounting Connector
Front Panel Mounting Connector
PX0842/A
PX0842/B
PX0843/A
PX0843/B
PX0844/A
PX0844/B
PX0842/A - USB ‘A’ type IP68
connector
PX0842/B - USB ‘B’ type IP68
connector
Opposite connector to rear of
panel
Mates with PX0840 and
PX0841 cable connectors
PX0843/A - USB ‘A’ type IP68
connector
PX0843/B - USB ‘B’ type IP68
connector
Leaded with 5 way crimp
connector
Mates with PX0840 and PX0841
cable connectors
IP68 Sealed through panel
PX0844/A - USB ‘A’ type IP68
connector
PX0844/B - USB ‘B’ type IP68
connector
Standard USB interface plug
options to rear of panel
500mm standard cable length,
other lengths available
Mates with PX0840 and
PX0841 cable connectors
Part no.
Description
Part no.
Description
Part no.
Description
PX0842/A
PX0842/B
PX0843/A
PX0843/B
PX0460/A
PX0460/B
PX0844/A/0M50/A
PX0844/A/0M50/B
PX0844/B/0M50/A
PX0844/B/0M50/B
IP68 A type USB, front panel mounted. Sealed A type at front of panel, standard B type at rear
IP68 B type USB, front panel mounted. Sealed B type at front of panel, standard A type at rear.
IP68 A type USB, front panel mounted. Sealed A type at front of panel, 5 way crimp connector at rear.
IP68 B type USB, front panel mounted. Sealed B type at front of panel, 5 way crimp connector at rear.
As PX0843/A with exposed braid for use with PX0465 screening can
As PX0843/B with exposed braid for use with PX0465 screening can
IP68 A type USB, sealed through panel, Sealed ‘A’ type at front of panel, standard ‘A’ type at rear
IP68 A type USB, sealed through panel, Sealed ‘A’ type at front of panel, standard ‘B’ type at rear
IP68 B type USB, sealed through panel, Sealed ‘B’ type at front of panel, standard ‘B’ type at rear
IP68 B type USB, sealed through panel, Sealed ‘B’ type at front of panel, standard ‘B’ type at rear
Buccaneer for Data 64



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com