Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP7010/02S/ST Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PXP7010/02S/ST
Description  7000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP7010/02S/ST Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PXP7010/02S/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
49 Buccaneer for Power
Metal Version
BUCCANEER FOR POWER
7000 Series Buccaneer
Flex Cable Connector
In-line Flex Cable Connector
Front Panel Mounting Connector
PXM7010
PXM7011
PXM7012
Mates with In-Line Flex or Panel
Mounting versions PXM7011 &
PXM7012
Quick turn locking ring
Pin or socket versions
Leading earth on 3 pole
connectors
2, 3, 6, 10 & 32 pole
Screw solder and crimp termination
Cable braid termination accessory
option, add /SNsuffix
Mates with Flex Cable connector
PXM7010
For in-line cable connection
Pin or socket versions
Leading earth on 3 pole
connectors
2, 3, 6, 10 and 32 pole
Screw solder and crimp termination
Cable braid termination accessory
option, add /SNsuffix
Mates with Flex Cable connectors
PXM7010
Front panel mounting
Single hole fixing
Pin or socket versions
Leading earth on 3 pole
connectors
2, 3, 6, 10 and 32 pole
Screw solder and crimp termination
2
3
6
10
32
2
3
6
10
32
2
3
6
10
32
Screw
Screw
Screw
Crimp / Solder
Crimp / Solder
Screw
Screw
Screw
Crimp / Solder
Crimp / Solder
Screw
Screw
Screw
Crimp / Solder
Crimp / Solder
PXM7010/02P/ST
PXM7010/03P/ST
PXM7010/06P/ST
PXM7010/10P/CR
PXM7010/32P/CR
PXM7011/02P/ST
PXM7011/03P/ST
PXM7011/06P/ST
PXM7011/10P/CR
PXM7011/32P/CR
PXM7012/02P/ST
PXM7012/03P/ST
PXM7012/06P/ST
PXM7012/10P/CR
PXM7012/32P/CR
PXM7010/02S/ST
PXM7010/03S/ST
PXM7010/06S/ST
PXM7010/10S/CR
PXM7010/32S/CR
PXM7011/02S/ST
PXM7011/03S/ST
PXM7011/06S/ST
PXM7011/10S/CR
PXM7011/32S/CR
PXM7012/02S/ST
PXM7012/03S/ST
PXM7012/06S/ST
PXM7012/10S/CR
PXM7012/32S/CR
Supplied Fitted
Supplied Fitted
Supplied Fitted
Contact Required
Contact Required
Supplied Fitted
Supplied Fitted
Supplied Fitted
Contact Required
Contact Required
Supplied Fitted
Supplied Fitted
Supplied Fitted
Contact Required
Contact Required
Poles
Poles
Poles
Termination
Termination
Termination
Pin Contacts
Pin Contacts
Pin Contacts
Socket Contacts
Socket Contacts
Socket Contacts
Contacts
Contacts
Contacts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com