Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP7010/02S/ST Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PXP7010/02S/ST
Description  7000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP7010/02S/ST Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PXP7010/02S/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP7010/02S/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Buccaneer for Power 50
Cable Braid Termination Option
PXM7090
For cable braid termination
Supplied with ty-rap
Accessories
BUCCANEER FOR POWER
7000 Series Buccaneer
Crimp / Solder Contacts
Crimp Tooling
Extraction Tools
Contact Carrier Removal Tool
10 & 32 pole contacts
PNo 14025
PNo 14944/SP
PNo 14945/SP
PNo 15065/SP
Gold Plated
Current ratings:
10 pole: 10A
32 pole: 2A
Crimp Tools for 10 and 32
pole crimp contacts
Extraction tool for 10 and 32
pole contacts
For removal of all contact
carriers
Contacts (for 10 pole)
(Supplied in packs of 10)
Crimp Tooling
Extraction Tools
Contact Carrier Removal Tool
Contacts (for 32 pole)
(Supplied in packs of 10)
Crimp
Solder
Solder
Crimp
Pins
Sockets
Crimp Tool (10 & 32 pole)
Positioner (10 pole)
Positioner (32 pole)
Extraction tool (10 pole)
Extraction tool (32 pole)
Contact carrier removal tool
(all poles)
Pins
Sockets
SA3544/P
SA3544/S
SA3623/P
SA3623/S
SA3622/P
SA3622/S
PNo. 14025
PNo. 15021/SP
PNo. 15019/SP
PNo. 14945/SP
PNo. 14944/SP
PNo. 15065/SP
SA3542/P
SA3542/S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com