Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3153 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3153
Description  Adafruit 0.8" 8x16 LED Matrix FeatherWing Display Kit - Yellow
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3153 Datasheet(HTML) 1 Page - Adafruit Industries

  3153 Datasheet HTML 1Page - Adafruit Industries 3153 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adafruit 0.8" 8x16 LED Matrix FeatherWing Display Kit - Yellow
PRODUCT ID: 3153
Description
You will chirp with delight when you see how easy it is to make your very own 8x16 LED matrix
display for any Feather. This kit combines two of our adorable miniature LED matrices with a
FeatherWing driver board. At 0.8" square, these little 8x8 matrices have got everything a big
LED matrix has, but bite sized! Double them up for 128 total bright yellow LEDs.
This is the Yellow Adafruit 0.8" 8x16 LED Matrix FeatherWing Display Combo Pack! We Also
have these combo packs in White, Blue, Green, Red, and Yellow-Green
Normally, wiring up 8x16 matrices would require a breath-taking 24 GPIO pins, which is way
too many pins. That's where this lovely 16x8 LED matrix backpack PCB comes in. It contains a
HT16K33 I2C LED matrix driver that does all the multiplexing work for you, and is controlled
over the two I2C pins. It's easy to use, has a portable library that runs on any of our Feathers
to turn on/off each LED.


Similar Part No. - 3153

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3153 ETC2-3153 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
ASM GmbH
3153 ASM-SENSOR-3153 Datasheet
1,008Kb / 8P
Automatic Insulation Voltage Withstand Testing
logo
List of Unclassifed Man...
3153 ETC2-3153 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3153 HEYCO-3153 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Carclo Technical Plasti...
3153 COIL-3153 Datasheet
3Mb / 24P
OPTICS CATALOGUE
More results

Similar Description - 3153

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
LED DOT MATRIX DISPLAY
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
LED DOT MATRIX DISPLAY
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
LED DOT MATRIX DISPLAY
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
LED DOT MATRIX DISPLAY
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
20.20mm(0.8) matrix height 8횞8 dot matrix display
BM-08658MD BRIGHT-BM-08658MD Datasheet
354Kb / 3P
20.3mm (0.8) matrix height 5횞8 dot matrix display
logo
BetLux Electronics
BL-M07C881 BETLUX-BL-M07C881 Datasheet
367Kb / 5P
20.20mm (0.8) :u1.9 dot matrix LED display
REV NO: V.2
logo
JFW Industries, Inc.
50MS-335 JFW-50MS-335 Datasheet
72Kb / 1P
8x16 NON-BLOCKING MATRIX SWITCH
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
Dot Matrix Display LED
2019/2/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com