Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC3303 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC3303
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3303 Datasheet(HTML) 3 Page - STMicroelectronics

  MC3303 Datasheet HTML 1Page - STMicroelectronics MC3303 Datasheet HTML 2Page - STMicroelectronics MC3303 Datasheet HTML 3Page - STMicroelectronics MC3303 Datasheet HTML 4Page - STMicroelectronics MC3303 Datasheet HTML 5Page - STMicroelectronics MC3303 Datasheet HTML 6Page - STMicroelectronics MC3303 Datasheet HTML 7Page - STMicroelectronics MC3303 Datasheet HTML 8Page - STMicroelectronics MC3303 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC3303 - MC3403 - MC3503
3/10
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
15
6
mV
Iio
Input Offset Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
550
200
nA
Iib
Input Bias Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
40
500
800
nA
Avd
Large Signal Voltage Gain (Vo = ±10V, RL = 2kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
77
77
90
dB
Icc
Supply Current, all Amp, no load
Tamb = 25°C
MC3503
Tmin ≤ Tamb ≤ Tmax
MC3503
2.8
7
4
8
5
mA
Vicm
Input Common Mode Voltage Range
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
-15
-15
+13
+13
V
CMR
Common Mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
70
70
90
dB
Ios
Output Short-circuit Current
10
30
45
mA
±Vopp
Output Voltage Swing
Tamb = 25°C
RL ≤ 10kΩ
RL ≤ 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL ≤ 10kΩ
RL ≤ 2kΩ
12
10
12
10
13.5
13
V
SR
Slew Rate (VI = ±10V, RL = 2kΩ, CL = 100pF, Tamb = 25°C,
unity gain)
0.35
0.5
V/
µs
tr, tf
Rsie Time (Vo = ±20mV, RL = 2kΩ, CL = 100pF,Tamb = 25°C,
unity gain)
0.18
µs
KOV
Overshoot (VI = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C,
unity gain)
10
%
ZI
Input Impedance
0.3
1
ΜΩ
ZO
Output Impedance
75
Ω
Bom
Power Bandwidth (RL = 2kΩ, CL = 100pF, AV = 1, Tamb = 25°C,
VO = 2Vpp, THD ≤ 5%)
9
kHz
B
Unity Gain Bandwidth Vo = 10mV, RL = 2kΩ, CL = 100pF, Tamb =
25°C, unity gain)
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com