Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC3303 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MC3303
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3303 Datasheet(HTML) 4 Page - STMicroelectronics

  MC3303 Datasheet HTML 1Page - STMicroelectronics MC3303 Datasheet HTML 2Page - STMicroelectronics MC3303 Datasheet HTML 3Page - STMicroelectronics MC3303 Datasheet HTML 4Page - STMicroelectronics MC3303 Datasheet HTML 5Page - STMicroelectronics MC3303 Datasheet HTML 6Page - STMicroelectronics MC3303 Datasheet HTML 7Page - STMicroelectronics MC3303 Datasheet HTML 8Page - STMicroelectronics MC3303 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC3303 - MC3403 - MC3503
4/10
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, V
CC
- = Ground, T
amb = 25°C (unless otherwise specified)
GBP
Gain Bandwith Product (VO = 10 mV, RL = 2kΩ, CL = 100pF
f =100kHz, Tamb = 25°C)
0.7
1
MHz
THD
Total Harmonic Distortion (f = 1kHz, Av = 20dB, RL = 2kΩ
CL = 100pF, Vo = 2Vpp, Tamb = 25°C)
0.02
%
en
Equivalent Input Noise Voltage (f = 1kHz, Rs = 100Ω
43
φm
Phase Margin
60
Degrees
DVio
Input Offset Voltage Drift
Tmin ≤ Tamb ≤ Tmax
10
µV/°C
DIio
Input Offset Current Drift
Tmin ≤ Tamb ≤ Tmax
50
pA/°C
Vo1/Vo2 Channel Separation
120
dB
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
15
6
mV
Iio
Input Offset Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
550
200
nA
Iib
Input Bias Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
40
500
800
nA
Avd
Large Signal Voltage Gain (Vo = 1.4Vto 2.4V, RL = 2kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
10
5
200
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
77
77
90
dB
Icc
Supply Current, all Amp, no load
MC3503
2.8
7
4
mA
Vopp
Output Voltage Range (RL = 10kΩ)
VCC = +5V
+5 < VCC ≤ +30V
3.3
VCC
+ -2V
3.5
VCC
+ -1.7V
V
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com