Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5904PZP Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC5904PZP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 17Page - Texas Instruments TLC5904PZP Datasheet HTML 18Page - Texas Instruments TLC5904PZP Datasheet HTML 19Page - Texas Instruments TLC5904PZP Datasheet HTML 20Page - Texas Instruments TLC5904PZP Datasheet HTML 21Page - Texas Instruments TLC5904PZP Datasheet HTML 22Page - Texas Instruments TLC5904PZP Datasheet HTML 23Page - Texas Instruments TLC5904PZP Datasheet HTML 24Page - Texas Instruments TLC5904PZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
constant output current
0
RIREF – kΩ
10.0
1.0
10
20
30
40
50
60
70
80
0.1
90
NOTE: Conditions: VOUT = 1.0V, VIREF = 1.24V
I
OLC(mA)
V
IREF(V)
R
IREF(kW)
37
≅
R
IREF (kW)
47
I
OLC(mA)
≅
NOTE: Shows the output current at the 16 bit mode. and at the 8 bit mode (MODE=L). Output current is the sum of both outputs. This sum current
should be set from 10 mA to 120 mA. The resistor, RIREF, should be located as close to the IREF terminal as possible to avoid the noise
influence.
Figure 8. Current on Constant Current Output vs External Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com