Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5904PZP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC5904PZP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 2Page - Texas Instruments TLC5904PZP Datasheet HTML 3Page - Texas Instruments TLC5904PZP Datasheet HTML 4Page - Texas Instruments TLC5904PZP Datasheet HTML 5Page - Texas Instruments TLC5904PZP Datasheet HTML 6Page - Texas Instruments TLC5904PZP Datasheet HTML 7Page - Texas Instruments TLC5904PZP Datasheet HTML 8Page - Texas Instruments TLC5904PZP Datasheet HTML 9Page - Texas Instruments TLC5904PZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BCENA
85
I
Brightness control enable. When BCENA is low, the brightness control latch is set to the
default value. The output current value in this status is 100% of the setting value by an
external resistor. The frequency division ratio of GSCLK is1/1. When BCENA is high,
writing to brightness control latch is enabled.
BLANK
68
I
Blank(light off). When BLANK is high, all the output of the constant current driver is turned
off. The constant current output, which the gray scale data is not zero, is turned on (LED
on) synchronizing to the falling edge of GSCLK after the next rising edge of GSCLK when
BLANK goes from high to low.
BOUT
57
O
Blank signal delay. BOUT is the output with addition of delay time to BLANK.
DCLK
65
I
Clock input for data transfer. The input data is from DIN. All data on the shift register is
selected by RSEL0 and RSEL1, and output data at DOUT is shifted by 1 bit synchronizing
to DCLK. The data except for DOUT is synchronized to the rising edge, and the edge for
data from DOUT is determined by the level of DOMODE.
DIN0 – DIN7
70,71,72,73,
76,77,78,79
I
Input for 8 bit parallel data. These terminals are inputs to the shift register for gray scale
data, brightness control, and OVM. The register selected is determined by RSEL0, 1.
DOMODE
74
I
Timing select for data output. When DOMODE is low, DOUT0–7 is changed synchronizing
to the rising edge of DCLK. When DOMODE is high, DOUT0–7 is changed synchronizing
to the falling edge of DCLK.
DOUT0 – DOUT7
55,54,53,52,
51,49,48,47
O
Output for 8 bit parallel data with 3
-state. These terminals are outputs to the shift register
for gray scale data, brightness control, and OVM. The register selected is determined by
RSEL0, 1.
GNDANA
43
Analog ground (internally connected to GNDLOG and GNDLED)
GNDLOG
84
Logic ground (internally connected to GNDANA and GNDLED)
GNDLED
5,10,15,20,
29,36,90,96
LED driver ground (internally connected to GNDANA and GNDLOG)
GSCLK
69
I
Clock input for gray scale. The gray scale display is accomplished by lighting LEDs until
the number of GSCLK counted is equal to data latched.
GSOUT
56
O
Clock delay for gray scale. GSOUT is the output with the addition of delay time to GSCLK.
IREF
40
I/O
Constant current value setting. LED current is set to the desired value by connecting an
external resistor between IREF and GND. The 37 times current compares current across
the external resistor sink on the output terminal.
MCENA
46
I
OVM enable. When MCENA is low, the OVM latch is set to the default value. The
comparison voltage in this status is 0.3V. When MCENA is high, writing to the OVM latch
is enabled.
MODE
83
I
8/16 bits select. When MODE is high, 16 bits output is selected. When MODE is low, 8 bits
output is selected.
NC
1,2,4,6,9,11,14,16,
19,21,23,24,25,27,
28,30,31,34,35,37,
38,44,50,82,86,88,
89,91,92,95,97,98,
99
No internal connection
OUT0 – OUT15
87,93,94,100,
3,7,8,12,13,
17,18,22,26,
32,33,39
O
Constant current output
RSEL0
RSEL1
66
67
I
Shift register data latch switching. When RSEL1 is low, gray scale data shift register latch
is selected at RSEL0 low, and the brightness control register latch is selected at RSEL0
high. When RSEL1 is high, the OVM register latch is selected at RSEL0 low, and no
register latch is selected at RSEL0 high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com