Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2027 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLE2027
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027 Datasheet(HTML) 3 Page - Texas Instruments

  TLE2027 Datasheet HTML 1Page - Texas Instruments TLE2027 Datasheet HTML 2Page - Texas Instruments TLE2027 Datasheet HTML 3Page - Texas Instruments TLE2027 Datasheet HTML 4Page - Texas Instruments TLE2027 Datasheet HTML 5Page - Texas Instruments TLE2027 Datasheet HTML 6Page - Texas Instruments TLE2027 Datasheet HTML 7Page - Texas Instruments TLE2027 Datasheet HTML 8Page - Texas Instruments TLE2027 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
TLE202XY CHIP INFORMATION
BONDINGPAD ASSIGNMENTS
ChipThickness:15MiIsTypical
BondingPads:4
4MilsMinimum
´
T max=150 C
J
°
Tolerances Are 10%.
±
AllDimensions AreinMils.
Pin(4)isInternallyConnected
toBacksideofChip.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
90
73
(1)
(2)
(3)
(4)
(6)
(7)
(8)
+
-
OUT
IN+
IN-
V
CC+
V
CC-
OFFSETN1
OFFSETN2
(1)
(3)
(2)
(8)
(7)
(4)
(6)
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
This chip, when properly assembled, displays characteristics similar to the TLE202xC. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. The chip may be mounted with
conductive epoxy or a gold-silicon preform.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com