Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2027 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLE2027
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2027 Datasheet HTML 9Page - Texas Instruments TLE2027 Datasheet HTML 10Page - Texas Instruments TLE2027 Datasheet HTML 11Page - Texas Instruments TLE2027 Datasheet HTML 12Page - Texas Instruments TLE2027 Datasheet HTML 13Page - Texas Instruments TLE2027 Datasheet HTML 14Page - Texas Instruments TLE2027 Datasheet HTML 15Page - Texas Instruments TLE2027 Datasheet HTML 16Page - Texas Instruments TLE2027 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
0
100
RL − Load Resistance − Ω
2
4
6
8
10
12
14
1 k
10 k
VCC
± = ±15 V
TA = 25°C
0
10 k
f − Frequency − Hz
5
10
15
20
25
30
100 k
1 M
100 M
TA = −55°C
10 M
RL = 2 kΩ
VCC
± = ±15 V
TA = 125°C
TLE2037
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
NOTE A: Data at high and low temperatures are applicable
only within the rated operating free-air temperature
ranges of the various devices.
0
100
RL − Load Resistance − Ω
−2
−4
−6
−8
−10
−12
−14
1 k
10 k
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VCC
± = ±15 V
TA = 25°C
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
12.9
−75
TA − Free-Air Temperature − °C
13
13.1
13.2
13.3
13.4
13.5
−25
0
25
50
75
100 125 150
VCC
± = ±15 V
RL = 2 kΩ
From 2 Wafer Lots
Sample Size = 832 Units
−50
NOTE A: Data at high and low temperatures are applicable
only
within
the
rated
operating
free-air
temperature ranges of the various devices.
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 14.
Figure 15.
Figure 16.
Figure 17.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com