Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2142 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2142
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2142 Datasheet(HTML) 1 Page - Texas Instruments

  TLE2142 Datasheet HTML 1Page - Texas Instruments TLE2142 Datasheet HTML 2Page - Texas Instruments TLE2142 Datasheet HTML 3Page - Texas Instruments TLE2142 Datasheet HTML 4Page - Texas Instruments TLE2142 Datasheet HTML 5Page - Texas Instruments TLE2142 Datasheet HTML 6Page - Texas Instruments TLE2142 Datasheet HTML 7Page - Texas Instruments TLE2142 Datasheet HTML 8Page - Texas Instruments TLE2142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
1
2
3
4
8
7
6
5
1OUT
1IN-
1IN+
VCC-
VCC+
2OUT
2IN-
2IN+
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TLE2142-Q1
www.ti.com....................................................................................................................................................................................................... SLOS628 – JULY 2009
Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
2
• Qualified for Automotive Applications
• Low Noise
–
10 Hz: 15 nV/
√Hz
–
1 kHz: 10.5 nV/
√Hz
• 10000-pF Load Capability
• 20-mA Short-Circuit Output Current (Min)
• 27-V/µs Slew Rate (Min)
• High Gain-Bandwidth Product: 5.9 MHz
• Single or Split Supply: 4 V to 44 V
• Fast Settling Time
–
340 ns to 0.1%
–
400 ns to 0.01%
• Large Output Swing:
VCC– + 0.1 V to VCC+ – 1 V
The TLE2142 device is a high-performance, internally compensated operational amplifier built using the Texas
Instruments complementary bipolar Excalibur™ process. It is a pin-compatible upgrade to standard industry
products.
The design incorporates an input stage that simultaneously achieves low audio-band noise of 10.5 nV/
√Hz with a
10-Hz 1/f corner and symmetrical 40-V/
µs slew rate typically with loads up to 800 pF. The resulting low distortion
and high power bandwidth are important in high-fidelity audio applications. A fast settling time of 340 ns to 0.1%
of a 10-V step with a 2-k
Ω/100-pF load is useful in fast actuator/positioning drivers. Under similar test conditions,
settling time to 0.01% is 400 ns.
The device is stable with capacitive loads up to 10 nF, although the 6-MHz bandwidth decreases to 1.8 MHz at
this high loading level. As such, the TLE2142 is useful for low-droop sample-and-holds and direct buffering of
long cables, including 4-mA to 20-mA current loops.
The special design also exhibits an improved insensitivity to inherent integrated circuit component mismatches as
is evidenced by a 500-
µV maximum offset voltage and 1.7-µV/°C typical drift. Minimum common-mode rejection
ratio and supply-voltage rejection ratio are 85 dB and 90 dB, respectively.
Device performance is relatively independent of supply voltage over the ±2-V to ±22-V range. Inputs can operate
between VCC– – 0.3 V to VCC+ – 1.8 V without inducing phase reversal, although excessive input current may flow
out of each input exceeding the lower common-mode input range. The all-npn output stage provides a nearly
rail-to-rail output swing of VCC– + 0.1 V to VCC+ – 1 V under light current-loading conditions. The device can
sustain shorts to either supply, because output current is internally limited, but care must be taken to ensure that
maximum package power dissipation is not exceeded.
The TLE2142 can also be used as a comparator. Differential inputs of VCC± can be maintained without damage
to the device. Open-loop propagation delay with TTL supply levels is typically 200 ns. This gives a good
indication as to output stage saturation recovery when the device is driven beyond the limits of recommended
output swing.
The TLE2142 device is available in industry-standard 8-pin small-outline (D) packages. The device is
characterized for operation from –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Excalibur is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLE2142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142 TI-TLE2142 Datasheet
769Kb / 29P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLE2142 TI1-TLE2142 Datasheet
1Mb / 79P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142-EP TI-TLE2142-EP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-EP TI1-TLE2142-EP Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - TLE2142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com