Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2142 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLE2142
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2142 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLE2142 Datasheet HTML 10Page - Texas Instruments TLE2142 Datasheet HTML 11Page - Texas Instruments TLE2142 Datasheet HTML 12Page - Texas Instruments TLE2142 Datasheet HTML 13Page - Texas Instruments TLE2142 Datasheet HTML 14Page - Texas Instruments TLE2142 Datasheet HTML 15Page - Texas Instruments TLE2142 Datasheet HTML 16Page - Texas Instruments TLE2142 Datasheet HTML 17Page - Texas Instruments TLE2142 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
f − Frequency − Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
60
40
20
0
100
1 k
10 k
80
100
120
100 k
1 M
140
VCC± = ±15 V
TA = 25°C
−75 −50 −25
0
25
50
75
100
125 150
100
104
108
112
TA − Free-Air Temperature − °C
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
116
120
VCC = 5 V
VIC = VICRmin
VCC± = ±15 V
100
80
20
0
10
100
1 k
120
140
f − Frequency − Hz
160
10 k
100 k
1 M
10 M
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
kSVR−
VCC± = ±2.5 V to ±15 V
TA = 25°C
60
40
kSVR+
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
106
104
102
100
108
110
−75 −50 −25
0
25
50
75
100
125 150
VCC± = ±2.5 V to ±15 V
TLE2142-Q1
SLOS628 – JULY 2009....................................................................................................................................................................................................... www.ti.com
Figure 17.
Figure 18.
Figure 19.
Figure 20.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLE2142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com