Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2037A Datasheet(PDF) 6 Page - Texas Instruments

Part # TLE2037A
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2037A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLE2037A Datasheet HTML 2Page - Texas Instruments TLE2037A Datasheet HTML 3Page - Texas Instruments TLE2037A Datasheet HTML 4Page - Texas Instruments TLE2037A Datasheet HTML 5Page - Texas Instruments TLE2037A Datasheet HTML 6Page - Texas Instruments TLE2037A Datasheet HTML 7Page - Texas Instruments TLE2037A Datasheet HTML 8Page - Texas Instruments TLE2037A Datasheet HTML 9Page - Texas Instruments TLE2037A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TLE2027Q1, TLE2037Q1, TLE2027AQ1, TLE2037AQ1
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SGLS202A − OCTOBER 2003 – REVISED OCTOBER 2006
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE20x7-Q1 operating characteristics at specified free-air temperature, VCC ± = ±15 V, TA = 25°C
(unless otherwise specified)
PARAMETER
TEST CONDITIONS
TLE20x7-Q1
TLE20x7A-Q1
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
RL = 2 kΩ,
CL = 100 pF,
TLE2027
1.7
2.8
1.7
2.8
L
CL = 100 pF,
See Figure 1
TLE2037
6
7.5
6
7.5
SR
Slew rate at unity gain
RL = 2 kΩ,
CL = 100 pF,
TLE2027
1
1
V/
µs
CL = 100 pF,
TA = −55°C to 125°C,
See Figure 1
TLE2037
4.4
4.4
Vn
Equivalent input noise
RS = 20 Ω,
f = 10 Hz
3.3
8
3.3
4.5
nV/
√Hz
Vn
Equivalent input noise
voltage (see Figure 2)
RS = 20 Ω,
f = 1 kHz
2.5
4.5
2.5
3.8
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
50
250
50
130
nV
In
Equivalent input noise
f = 10 Hz
10
10
pA/
√Hz
In
Equivalent input noise
current
f = 1 kHz
0.8
0.8
pA/
√Hz
THD
Total harmonic distortion
VO = + 10 V,
AVD = 1,
See Note 5
TLE2027
<0.002
<0.002
%
THD
Total harmonic distortion
VO = + 10 V,
AVD = 5,
See Note 5
TLE2037
<0.002
<0.002
%
B1
Unity-gain bandwidth
RL = 2 kΩ,
TLE2027
7
13
9
13
MHz
B1
Unity-gain bandwidth
(see Figure 3)
RL = 2 kΩ,
CL = 100 pF
TLE2037
35
50
35
50
MHz
BOM
Maximum output-swing
RL = 2 kΩ
TLE2027
30
30
kHz
BOM
Maximum output-swing
bandwidth
RL = 2 kΩ
TLE2037
80
80
kHz
φm
Phase margin at unity
gain (see Figure 3)
RL = 2 kΩ,
C = 100 pF
TLE2027
55
55
°
φm
Phase margin at unity
gain (see Figure 3)
RL = 2 kΩ,
CL = 100 pF
TLE2037
50
50
°
NOTE 5: Measured distortion of the source used in the analysis was 0.002%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com