Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2037A Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2037A
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2037A Datasheet(HTML) 1 Page - Texas Instruments

  TLE2037A Datasheet HTML 1Page - Texas Instruments TLE2037A Datasheet HTML 2Page - Texas Instruments TLE2037A Datasheet HTML 3Page - Texas Instruments TLE2037A Datasheet HTML 4Page - Texas Instruments TLE2037A Datasheet HTML 5Page - Texas Instruments TLE2037A Datasheet HTML 6Page - Texas Instruments TLE2037A Datasheet HTML 7Page - Texas Instruments TLE2037A Datasheet HTML 8Page - Texas Instruments TLE2037A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLE2027Q1, TLE2037Q1, TLE2027AQ1, TLE2037AQ1
EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS
SGLS202B − OCTOBER 2003 – REVISED APRIL 2008
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Outstanding Combination of DC Precision
and AC Performance:
Unity-Gain Bandwidth . . . 15 MHz Typ
Vn
3.3 nV/
√Hz at f = 10 Hz Typ,
. . . .
2.5 nV/
√Hz at f = 1 kHz Typ
VIO
25
µV Max
. . . .
AVD
45 V/
µV Typ With RL = 2 kΩ,
. . .
19 V/
µV Typ With RL = 600 Ω
D Available in Standard-Pinout Small-Outline
Package
D Output Features Saturation Recovery
Circuitry
D Macromodels and Statistical information
description
The TLE20x7 and TLE20x7A contain innovative circuit design expertise and high-quality process control
techniques to produce a level of ac performance and dc precision previously unavailable in single operational
amplifiers. Manufactured using Texas Instruments state-of-the-art Excalibur process, these devices allow
upgrades to systems that use lower-precision devices.
In the area of dc precision, the TLE20x7 and TLE20x7A offer maximum offset voltages of 100
µV and 25 µV,
respectively, common-mode rejection ratio of 131 dB (typ), supply voltage rejection ratio of 144 dB (typ), and
dc gain of 45 V/
µV (typ).
The ac performance of the TLE2027 and TLE2037 is highlighted by a typical unity-gain bandwidth specification
of 15 MHz, 55
° of phase margin, and noise voltage specifications of 3.3 nV/√Hz and 2.5 nV/√Hz at frequencies
of 10 Hz and 1 kHz, respectively. The TLE2037 and TLE2037A have been decompensated for faster slew rate
(−7.5 V/
µs, typical) and wider bandwidth (50 MHz). To ensure stability, the TLE2037 and TLE2037A should be
operated with a closed-loop gain of 5 or greater.
ORDERING INFORMATION{
TA
VIOmax
AT 25
°C
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
25 V
SOIC (D)
Tape and reel
TLE2027AQDRQ1
2027AQ
−40
°C to 125°C
25
µV
SOIC (D)
Tape and reel
TLE2037AQDRQ1
2037AQ
−40
°C to 125°C
100 V
SOIC (D)
Tape and reel
TLE2027QDRQ1
2027Q1
100
µV
SOIC (D)
Tape and reel
TLE2037QDRQ1
2037Q1
† For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Copyright
 2008 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
OFFSET N1
IN −
IN +
VCC −
OFFSET N2
VCC +
OUT
NC
D PACKAGE
(TOP VIEW)


Similar Part No. - TLE2037A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2037A TI-TLE2037A Datasheet
562Kb / 35P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037A TI1-TLE2037A Datasheet
1Mb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037A TI1-TLE2037A Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037A-Q1 TI-TLE2037A-Q1 Datasheet
525Kb / 29P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION POERATIONAL AMPLIFIERS
TLE2037A-Q1 TI1-TLE2037A-Q1 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2037A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_07 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com