Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS141 Datasheet(PDF) 16 Page - Texas Instruments

Part # SLWS141
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS141 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SLWS141 Datasheet HTML 12Page - Texas Instruments SLWS141 Datasheet HTML 13Page - Texas Instruments SLWS141 Datasheet HTML 14Page - Texas Instruments SLWS141 Datasheet HTML 15Page - Texas Instruments SLWS141 Datasheet HTML 16Page - Texas Instruments SLWS141 Datasheet HTML 17Page - Texas Instruments SLWS141 Datasheet HTML 18Page - Texas Instruments SLWS141 Datasheet HTML 19Page - Texas Instruments SLWS141 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
3–4
3.3.3
Single-Ended Analog Input
The two differential inputs of (INP1/M1 and INP2/M2) can be configured to work as single-ended inputs by connecting
INP to the analog input and INM to ground (see Figure 3–3).
INP1 or INP2
INM1 or INM2
C
C
Analog Input
Figure 3–3. Single-Ended Input
3.3.4
Analog Output
The OUTP1 and OUTM1 are differential output from the DAC channel. The OUTP1 and OUTM1 can drive a load of
600-
Ω directly and be either differential or single-ended (see Figure 3–4).
OUTP1
OUTM1
RL
Differential Output OUTP/OUTM
OUTP1
OUTM1
RL
Single-Ended Output OUTP/OUTM
C
Figure 3–4. OUTP1/OUTM1 Output
3.4
IIR/FIR Control
3.4.1
Overflow Flags
The decimation IIR/FIR filter sets an overflow flag (bit D7) of control register 1 indicating that the input analog signal
has exceeded the range of internal decimation filter calculations. The interpolation IIR/FIR filter sets an overflow flag
(bit D4) of control register 1 indicating that the digital input has exceeded the range of internal interpolation filter
calculations. When the IIR/FIR overflow flag is set in the register, it remains set until the user reads the register.
Reading this value resets the overflow flag. These flags need to be reset after power-up by reading the register. If
FIR/IIR overflow occurs, the input signal is attenuated by either the PGA or some other method.
3.4.2
IIR/FIR Bypass Mode
An option is provided to bypass IIR/FIR filter sections of the decimation filter and the interpolation filter. This mode
is selected through bit D6 of control register 2 and effectively increases the frequency of the FS signal to four times
normal output rate of the IIR/FIR-filter. For example, for a normal sampling rate of 8 Ksps (i.e., FS = 8 kHz) with IIR/FIR,
if the IIR/FIR is bypassed, the frequency of FS is readjusted to 4
×8 kHz = 32 kHz. The sinc filters of the two paths
can not be bypassed. A maximum of eight devices in cascade can be supported in the IIR/FIR bypassed mode.
In this mode , the ADC channel outputs data which has been decimated only till 4Fs. Similarly DAC channel input
needs to be pre-interpolated to 4Fs before being given to the device. This mode allows users the flexibility to
implement their own filter in DSP for decimation and interpolation. M should be a multiple of 4 during IIR/FIR Bypass
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com