Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS141 Datasheet(PDF) 28 Page - Texas Instruments

Part # SLWS141
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS141 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SLWS141 Datasheet HTML 24Page - Texas Instruments SLWS141 Datasheet HTML 25Page - Texas Instruments SLWS141 Datasheet HTML 26Page - Texas Instruments SLWS141 Datasheet HTML 27Page - Texas Instruments SLWS141 Datasheet HTML 28Page - Texas Instruments SLWS141 Datasheet HTML 29Page - Texas Instruments SLWS141 Datasheet HTML 30Page - Texas Instruments SLWS141 Datasheet HTML 31Page - Texas Instruments SLWS141 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
3–16
Master FS
DIN
Master
Slave2
Slave1
Slave0
Master
Slave2
Slave1
Slave0
Master
Slave2
Slave1
Slave0
Slave0
Write
Command
Reg Addr (D15–D13)
R/W (D12)
Broadcast (D11)
D10–D8
001(1)
0
1
111
010(2)
0
1
111
100(4)
0
1
111
110(6)
0
1
111
Data Frame
Control Frame
Time Slot
NOTE: In this example, the broadcast operation (D11 = 1) is used to program the four control registers of Reg.1, Reg.2, Reg.4, and Reg.6 in all
4 DSP codecs (Master, Slave2, Slave1, and Slave0) shown in Figure 3–8. These registers are programmed during the same frame.
Figure 3–20. Broadcast Register Write Example
3.9.4
Register Map
Bits D15 through D13 represent the control register address that is written with data carried in D7 through D0. Bit D12
determines a read or a write cycle to the addressed register. When D12 = 0, a write cycle is selected. When
D12 = 1, a read cycle is selected. Bit D11 controls the broadcast mode as described above, in which the broadcast
mode is enabled if D11 is set to 1. Always write 1s to bits D10 through D8.
Table 3–3 shows the register map.
Table 3–3. Register Map
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Register Address
RW
BC
1
1
1
Control Register Content
Table 3–4. Register Addresses
REGISTER NO.
D15
D14
D13
REGISTER NAME
0
0
0
0
No operation
1
0
0
1
control 1
2
0
1
0
control 2
3
0
1
1
control 3
4
1
0
0
control 4
5
1
0
1
control 5
6
1
1
0
control 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com