Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680A Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6680A
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6680A Datasheet HTML 17Page - STMicroelectronics PM6680A Datasheet HTML 18Page - STMicroelectronics PM6680A Datasheet HTML 19Page - STMicroelectronics PM6680A Datasheet HTML 20Page - STMicroelectronics PM6680A Datasheet HTML 21Page - STMicroelectronics PM6680A Datasheet HTML 22Page - STMicroelectronics PM6680A Datasheet HTML 23Page - STMicroelectronics PM6680A Datasheet HTML 24Page - STMicroelectronics PM6680A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
PM6680A
Device description
21/48
7.3
Output ripple compensation and loop stability
In a classic constant on time control, the system regulates the valley value of the output
voltage and not the average value, as shown in Figure 28 In this condition, the output
voltage ripple is source of a DC static error.
To compensate this error, an integrator network can be introduced in the control loop, by
connecting the output voltage to the COMP1/COMP2 (for the OUT1 and OUT2 sections
respectively) pin through a capacitor CINT as in Figure 30.
Figure 30.
Circuitry for output ripple compensation
The integrator amplifier generates a current, proportional to the DC errors between the FB
voltage and Vr, which decreases the output voltage in order to compensate the total static
error, including the voltage drop on PCB traces. In addition, CINT provides an AC path for the
output ripple. In steady state, the voltage on COMP1/COMP2 pin is the sum of the reference
voltage Vr and the output ripple (see Figure 30). In fact when the voltage on the COMP pin
reaches Vr, a fixed Ton begins and the output increases.
For example, we consider Vout = 5 V with an output ripple of
∆V = 50 mV. Considering C
INT
>> CFILT, the CINT DC voltage drop VCINT is about 5 V -Vr + 25 mV = 4.125 V. CINT assures
an AC path for the output voltage ripple. Then the COMP pin ripple is a replica of the output
ripple, with a DC value of Vr + 25 mV = 925 mV.
For more details about the output ripple compensation network, see the Chapter 9.6:
Closing the integrator loop on page 35 in the Design guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com